Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME270-461Z/883 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FME270-461Z/883
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461Z/883 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FME270-461Z/883 Datasheet HTML 1Page - Interpoint Corporation Company FME270-461Z/883 Datasheet HTML 2Page - Interpoint Corporation Company FME270-461Z/883 Datasheet HTML 3Page - Interpoint Corporation Company FME270-461Z/883 Datasheet HTML 4Page - Interpoint Corporation Company FME270-461Z/883 Datasheet HTML 5Page - Interpoint Corporation Company FME270-461Z/883 Datasheet HTML 6Page - Interpoint Corporation Company FME270-461Z/883 Datasheet HTML 7Page - Interpoint Corporation Company FME270-461Z/883 Datasheet HTML 8Page - Interpoint Corporation Company FME270-461Z/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Input Voltage
• 0 to 40 VDC continuous for 28 V models
• 0 to 400 VDC continuous for 270 V models
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Isolation
• 100 megohm minimum at 500 V, any pin to case
(except FMD downleaded case case pin)
B3-8
FMD/FME EMI FILTER
0.7 TO 15 AMP
Input Voltage Range
• 0 to 40 VDC continuous for 28 V models
• 0 TO 400 VDC continuous for 270 V models
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Input/Output Current
• Linearly from 100% at 125°C to 0% at 135° C
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
FMD28-461
FMD270-461
FME28-461
FME270-461
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
CONTINUOUS
0
28
40
0
270
400
0
28
40
0
270
400
VDC
TRANSIENT 100 ms1
–100
—
100
–500
—
500
–100
—
100
–500
—
500
V
NOISE
500 kHz
50
60
—
50
60
—
30
40
—
40
50
—
dB
REJECTION
1 MHz
45
55
—
45
55
—
40
50
—
45
55
—
DC RESISTANCE
MAX. CURRENT
(RDC)
Tc=25°C
—
—
0.12
—
—
5.0
—
—
0.07
—
—
2.0
Ω
Tc=125°C
—
—
0.15
—
—
6.3
—
—
0.07
—
—
3.2
CAPACITANCE
ANY PIN TO CASE
—
20,000
—
—
30,000
—
—
60,000
—
—
60,000
—
pF
OUTPUT VOLTAGE
STEADY STATE
VOUT = VIN - IIN(RDC)
VDC
OUTPUT CURRENT
STEADY STATE
—
—
7
—
—
0.7
—
—
15
—
—
1.5
A
POWER
MAX. CURRENT
DISSIPATION
Tc=25°C
—
—
6.0
—
—
2.5
—
—
15.75
—
—
4.5
W
Tc=125°C
—
—
7.4
—
—
3.1
—
—
15.75
—
—
7.2
Note
1. 28 V models = 0.5
Ω source impedance, 270 V models = independent of source impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com