Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX50 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # RX50
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

RX50 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  RX50 Datasheet HTML 1Page - RUBYCON CORPORATION RX50 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
β
0.6
10
0.5
12.5
5.0
1.0
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./150℃, 100kHz)
WV(V.DC)
Cap(μF)
10
(1A)
Size
Ripple
47
100
220
330
470
1000
10×16
370
12.5×20
600
16
(1C)
Size
Ripple
10×16
370
10×20
460
12.5×25
750
25
(1E)
Size
Ripple
10×16
370
10×20
460
12.5×20
600
35
(1V)
Size
Ripple
10×16
370
10×20
460
12.5×20
600
12.5×25
750
50
(1H)
Size
Ripple
12.5×20
400
12.5×25
500
63
(1J)
Size
Ripple
10×16
220
10×20
300 12.5×20
350
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX50
L+2MAX
15MIN
4MIN
φd
φD+βMAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com