Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VXR Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # VXR
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

VXR Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  VXR Datasheet HTML 1Page - RUBYCON CORPORATION VXR Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
φD
Cap(
μF)
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
160
180
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
220
180
270
330
390
470
560
680
820
1000
1200
1500
200
250
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
220
180
150
120
100
82
270
330
390
470
560
680
315
350
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
220
180
150
120
100
82
68
56
47
39
270
330
390
470
400
φ22
φ25
φ30
φ35
1.10
1.20
1.30
1.40
1.50
1.50
1.70
2.00
2.20
2.20
2.30
2.50
2.70
2.90
2.30
2.50
2.70
1.70
2.00
2.20
2.30
1.30
1.40
1.50
1.70
2.00
1.00
1.10
1.30
1.20
1.40
1.50
1.50
1.40
1.70
2.00
2.20
2.20
2.00
2.30
2.50
2.70
2.90
2.30
2.50
1.70
2.00
2.20
1.30
1.20
1.40
1.50
1.70
1.00
1.10
1.20
1.30
1.20
1.10
1.40
1.50
1.50
1.40
1.30
1.70
2.00
2.20
2.20
2.00
2.30
2.50
2.30
1.70
2.00
1.30
1.40
1.50
1.70
1.00
0.90
1.10
1.00
0.90
1.10
1.30
1.20
1.10
1.30
1.20
1.40
1.50
1.50
1.40
1.70
1.50
1.40
1.70
2.00
2.20
2.20
2.00
2.30
1.70
1.30
1.20
1.40
0.64
0.69
0.75
1.20
1.10
1.40
1.30
1.50
1.70
0.82
0.90
1.00
0.64
0.69
0.75
0.82
0.90
1.00
0.69
0.75
0.82
0.90
1.00
0.82
0.90
1.00
0.75
0.82
0.90
1.00
1.20
1.10
1.40
1.30
1.20
1.10
0.82
0.90
1.00
0.64
0.56
0.51
0.69
0.64
0.56
0.69
0.75
0.82
0.90
0.75
0.75
0.82
0.90
1.00
1.20
1.10
1.40
1.30
1.20
1.10
0.82
0.90
1.00
0.90
1.00
1.10
1.10
1.30
1.20
1.10
1.30
1.20
1.40
1.50
1.40
22×25
22×25
25×25
25×30
25×30
30×25
30×30
30×30
30×35
35×30
35×35
35×35
35×40
35×45
30×40
30×45
30×50
25×35
25×40
25×45
25×50
22×30
22×35
22×40
22×45
22×50
22×25
22×25
25×25
25×25
25×30
25×35
30×25
30×25
30×30
30×35
30×35
35×30
35×30
35×35
35×40
35×45
35×50
30×40
30×50
25×35
25×40
25×50
22×30
22×30
22×35
22×40
22×45
22×25
22×30
25×25
25×25
25×30
25×35
30×25
30×25
30×30
30×30
30×35
35×30
35×35
35×40
35×50
30×40
30×45
25×35
25×40
25×45
22×30
22×35
22×40
22×45
22×50
22×25
25×25
25×25
25×30
25×30
30×25
30×25
30×30
30×30
30×35
35×30
35×30
35×35
35×35
35×40
35×45
30×40
30×45
30×50
25×35
25×40
25×45
25×50
22×35
22×30
22×40
22×45
22×50
22×25
22×30
25×30
25×25
25×30
25×35
30×25
30×25
30×30
30×35
30×40
35×30
35×35
35×40
35×50
35×30
35×45
30×40
30×45
25×40
25×50
22×30
22×35
22×40
22×45
22×25
22×30
25×30
25×25
25×25
25×30
25×35
30×25
30×30
30×30
30×35
35×30
35×35
35×40
35×50
35×25
35×45
30×40
30×45
25×40
25×45
22×30
22×35
22×40
22×45
22×50
22×25
25×25
25×30
25×30
30×25
30×30
30×30
30×35
35×30
35×35
35×35
35×40
35×50
30×40
30×45
30×50
25×35
25×40
25×45
22×35
22×30
22×40
22×45
22×50
◆STANDARD SIZE, RATED RIPPLE CURRENT
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR
450
φ22
φ25
φ30
φ35
0.40
0.47
0.53
0.56
0.64
0.64
0.72
0.79
0.87
0.87
1.00
1.19
1.38
1.00
0.72
0.79
0.53
0.56
0.64
22×30
0.37
22×25
22×35
25×30
0.47
25×25
25×35
25×40
30×30
0.56
30×25
30×30
30×40
30×45
35×35
35×40
35×45
35×50
0.79
35×30
30×50
25×45
25×50
22×40
22×45
22×50
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com