Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3034CS Datasheet(PDF) 9 Page - International Rectifier

Part # IRU3034CS
Description  8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3034CS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRU3034CS Datasheet HTML 4Page - International Rectifier IRU3034CS Datasheet HTML 5Page - International Rectifier IRU3034CS Datasheet HTML 6Page - International Rectifier IRU3034CS Datasheet HTML 7Page - International Rectifier IRU3034CS Datasheet HTML 8Page - International Rectifier IRU3034CS Datasheet HTML 9Page - International Rectifier IRU3034CS Datasheet HTML 10Page - International Rectifier IRU3034CS Datasheet HTML 11Page - International Rectifier IRU3034CS Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRU3034 & (PbF)
9
www.irf.com
RB = Rt / X
X =
[(Vo + (∆Vo/2)) / VREF] - 1
X=
[(3.38+ (0.044/2)) / 1.25] - 1 = 1.72
RB = 1000 / 1.72 = 580Ω
Ppk = ICL2×Rs = 202×0.005 = 2W
PAVG = 0.5×Ppk×Dsc
THCP = 0.1×200 = 20ms
PAVG = 0.5×2×(0.5/20) = 25mW
RH = (11×Rt) / ∆Vo
RH = (11×1000) / 0.044 = 250KΩ
The bottom resistor of the divider is then calculated us-
ing the following equations:
Where:
RB = Bottom resistor of the divider
VREF = 1.25V Typical
Select RB = 576Ω, 1%
Frequency Calculation
The IRU3034 frequency of operation is calculated using
the following formula:
Where:
Vo = Output voltage (V)
D = Duty cycle
ESR = Output capacitor ESR (V)
L = Output inductance (µH)
∆Vo = Output ripple voltage (V)
For our example:
Where:
Vf = Forward voltage drop of the Schottky diode.
The ESR=18mΩ for 2 of the Sanyo 1500µF,
6MV1500GX caps. If L=3.5µH then, Fs is calculated as
follows:
The peak power dissipated in the CS resistor is:
However, the average power dissipated is much lower
than 2W due to the long off time caused by the hiccup
circuit of IRU3034. The average power is in fact the short
circuit period divided by the short circuit period plus the
off time or "Hiccup" period. For example, if the short
circuit lasts for Tsc=100µs before the IRU3034 enters
hiccup, the average power is calculated as:
Where:
Dsc = Tsc / THCP
THCP = Css×M
M = 200ms/µF
Css = The soft-start capacitor
For example:
For Css=0.1µF and Tsc=500µs=0.5ms
Without "Hiccup" technique, the power dissipation of the
resistor is 2W.
Switcher Output Voltage Setting
The output voltage can be set using the following
equations:
Assuming, Vo=3.38V and the selected output ripple is
≈
1.3%(44mV) of the output voltage, a set of equations
are derived that selects the resistor divider and the hys-
teresis resistor:
Assuming, Rt = 1KΩ, 1%:
Where:
Rt = Top resistor of the resistor divider
RH = Hysteresis resistor connected between pins 3
and 4 of the IRU3034
∆Vo = Selected output ripple (typically 1% to 2% of
output voltage)
Assuming, ∆Vo=44mV:
Select RH = 249KΩ, 1%
Fs =
= 0.087
Fs = 87KHz
[(3.38 × (1-0.78) × 0.018)]
(3.5 × 0.044)
D = (3.38 + 0.5) / 5 = 0.78
D
≈ (Vo + Vf) / VIN
Fs =
[(Vo×(1-D)×ESR)] / (L×∆Vo)
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com