Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFW28512T Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MFW28512T
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW28512T Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MFW28512T Datasheet HTML 1Page - Interpoint Corporation Company MFW28512T Datasheet HTML 2Page - Interpoint Corporation Company MFW28512T Datasheet HTML 3Page - Interpoint Corporation Company MFW28512T Datasheet HTML 4Page - Interpoint Corporation Company MFW28512T Datasheet HTML 5Page - Interpoint Corporation Company MFW28512T Datasheet HTML 6Page - Interpoint Corporation Company MFW28512T Datasheet HTML 7Page - Interpoint Corporation Company MFW28512T Datasheet HTML 8Page - Interpoint Corporation Company MFW28512T Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
TYPICAL CHARACTERISTICS
B4-4
MFW SERIES
70 WATT
DC/DC CONVERTERS
SINGLE OUTPUTS
MFW2805S
MFW2812S
MFW2815S
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP MAX
MIN.
TYP
MAX
UNITS
OUTPUT
FULL LOAD
4.95
5.00
5.05
11.88 12.00 12.12
14.85 15.00 15.15
VDC
VOLTAGE
OUTPUT
VIN = 19 TO 40
—
—
12.00
—
—
5.83
—
—
4.67
A
CURRENT
OUTPUT
Tc = –55°C TO +85°C
—
—
60
—
—
70
—
—
70
W
POWER
OUTPUT
FULL LOAD BW
≤2 MHz
—
30
50
—
30
50
—
30
50
mV p-p
RIPPLE
LINE
VIN = 19 TO 40
—
10
20
—
10
20
—
10
20
mV
REGULATION
LOAD
NO LOAD TO FULL
—
10
20
—
10
25
—
10
25
mV
REGULATION
INPUT
VOLTAGE
19
28
40
19
28
40
19
28
40
VDC
INPUT
NO LOAD
—
75
90
—
70
90
—
70
90
mA
CURRENT
INHIBITED
—
30
35
—
30
35
—
30
35
INPUT REFL.
FULL LOAD
—
10
25
—
10
25
—
10
25
mA p-p
RIPPLE
BW
≤10 MHz
EFFICIENCY
78
80
—
81
83
—
81
83
—
%
STARTUP
WITH LOW
—
5
10
—
8
10
—
8
10
ms
DELAY
IMPEDANCE SOURCE
Output Power
• 60 to 70 watts depending on model
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –55°C to +125°C
Output Voltage Temperature Coefficient
• 150 ppm/°C, typical
Input to Output Capacitance
• 160 pF, typical
Isolation
• 100 megohm minimum at 500 V
Conversion Frequency
• Free run mode 245 kHz, typical
Inhibit Pin Voltage (unit enabled)
• 4.5 to 5.5 V
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Input Voltage Range
• 19 to 40 VDC continuous (see Derating)
Case Operating Temperature (Tc)
• –55°C to +85°C full power
SYNC AND INHIBIT
DERATING OUTPUT POWER/CURRENT AND INPUT VOLTAGE
Sync In (245 to 370 kHz.)
• Duty cycle 70% min, 98% max
• Logic low 0.8 V max
• Logic high 4.5 V min
• Referenced to input common
• If sync is not used, leave unconnected
Inhibit TTL Open Collector
• Logic low (output disabled)
Inhibit pin current 1 mA max
• Referenced to input common
• Logic high (output enabled)
V =
≥ 4.5 V
Temperatures are referenced to the temperature at the converter’s baseplate
• Linearly derate output power/current from 100% at 85°C to 0% at 125°C.
• Above 105°C linearly derate steady state input voltage to 33 volts at 125°C.
• Indefinite short circuit protection is not guaranteed above 85°C case.
• Operation below an input voltage of 19 volts, including operation in MIL-
STD-704E emergency power conditions, is possible with derated output
power. See Figures 10 and 11.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com