Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFW2812D/ES Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MFW2812D/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW2812D/ES Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MFW2812D/ES Datasheet HTML 1Page - Interpoint Corporation Company MFW2812D/ES Datasheet HTML 2Page - Interpoint Corporation Company MFW2812D/ES Datasheet HTML 3Page - Interpoint Corporation Company MFW2812D/ES Datasheet HTML 4Page - Interpoint Corporation Company MFW2812D/ES Datasheet HTML 5Page - Interpoint Corporation Company MFW2812D/ES Datasheet HTML 6Page - Interpoint Corporation Company MFW2812D/ES Datasheet HTML 7Page - Interpoint Corporation Company MFW2812D/ES Datasheet HTML 8Page - Interpoint Corporation Company MFW2812D/ES Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
B4-6
MFW SERIES
70 WATT
DC/DC CONVERTERS
CALCULATING MAXIMUM AMBIENT TEMPERATURE
The MFW Series of DC/DC converters has an upper operating
temperature of + 85°C at the baseplate of the case. The degree of
heat sinking required to remain within this limit may be determined
from Figure 1 which shows the maximum allowed internal power
dissipation (PDISS vs. ambient temperature for various heat sink
thermal resistances. PDISS may be calculated as:
PDISS = POUT / efficiency – POUT
The efficiency for all combinations of POUT and VIN for the various
models may be obtained from the graphs on the preceding pages.
Example:
Converter = MFW2815D, TAMB = 70°C,
VIN = 28 VDC, POUT = 45 watts
Efficiency = 85% (From Figure 7)
PDISS = (45 / 85) – 45 = 7.95 watts
From Figure 1 we can see that this situation will require thermal
resistance of approximately 4.5°C / watt.
Conversely we may also find the maximum ambient temperature
which can be tolerated if we know the heat sink thermal resistance.
Example:
Converter = MFW2805S, VIN = 28 VDC, POUT = 45 W.
Thermal Resistance = 3°C / watt.
Efficiency = 83.5% (From Figure 3)
PDISS = (45 / 0.835) – 45 = 8.89 watts.
From Figure 1 we can see that the maximum allowed ambient
temperature is approximately 75°C.
HEAT SINK RECOMMENDATIONS
An MFW Series converter in still air (other than convective currents)
and with no conductive cooling paths other than through electrical
connections at the pins will exhibit a thermal resistance of approxi-
mately 4°C / watt. In cases where this value proves to be too high it
is recommended that additional heat sinking be supplied. The
simplest method of accomplishing this is to firmly attach the
converter to a PCB thereby providing a conductive thermal path.
Secondly it is recommended that airflow be provided over the
converter. Although each situation requires a thorough thermal
analysis these two measures can reduce the thermal resistance to
as low as 2°C / watt. If calculations indicate further heat sinking is
required it is recommended that additional thermal mass be
provided either under the base plate or on top of the converter's
mounting flanges or both.
THERMAL MANAGEMENT
Degrees Centigrade
20
° 40° 60° 80° 100° 120° 140°
20
15
10
5
U=4
°C/W
U=3
°C/W
U=2
°C/W
U=0
°C/W
Internal Power Dissipation (max)
vs. Ambient Temperature
FIGURE 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com