Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHF2812SF/883 Datasheet(PDF) 15 Page - Interpoint Corporation Company

Part # MHF2812SF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2812SF/883 Datasheet(HTML) 15 Page - Interpoint Corporation Company

Back Button MHF2812SF/883 Datasheet HTML 11Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 12Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 13Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 14Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 15Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 16Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 17Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 18Page - Interpoint Corporation Company MHF2812SF/883 Datasheet HTML 19Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
3
MHF+ SERIES TRIPLE
15 WATT
DC/DC CONVERTERS
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
MHF+28512T
MHF+28515T
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
MAIN
4.95
5.0
5.05
4.925
5.0
5.05
+ AUXILIARY
11.64
12.0
12.36
14.55
15.0
15.45
VDC
– AUXILIARY
11.64
12.0
12.36
14.55
15.0
15.45
OUTPUT CURRENT1
MAIN
0
—
1.5
0
—
1.5
+ AUXILIARY
——
0.416
——
0.333
A
– AUXILIARY
——
0.416
——
0.333
TOTAL
——
2.125
——
2.0
OUTPUT POWER2
MAIN
——
7.5
——
7.5
+ AUXILIARY
——
5
——
5
W
– AUXILIARY
——
5
——
5
TOTAL
——
15
——
15
OUTPUT RIPPLE
10 kHz to 2 MHz
MAIN
—
20
75
—
20
75
VOLTAGE
10 kHz to 2 MHz
± AUXILIARY
—
30
90
—
30
112
mV p-p
LINE REGULATION3
MAIN
—
25
75
—
25
75
mV
VIN = MIN. TO MAX.
±AUXILIARY
—
120
240
—
150
300
LOAD REGULATION3, 4
MAIN
—
25
60
—
25
60
mV
± AUXILIARY
—
120
240
—
150
300
CROSS REGULATION5
– AUXILIARY
——
1200
——
1500
mV
INPUT VOLTAGE
CONTINUOUS
16
28
48
16
28
48
VDC
TRANSIENT 120 ms
——
80
——
80
V
INPUT CURRENT
NO LOAD3
—
20
35
—
20
35
FULL LOAD
—
705
724
—
705
724
mA
INHIBITED3
—
35
—
35
INPUT RIPPLE CURRENT
10 kHz to 10 MHz
—
20
50
—
20
50
mA p-p
EFFICIENCY
74
76
—
74
76
—
%
LOAD FAULT6
POWER DISSIPATION
MAIN3
——
12
——
12
W
±AUXILIARY
——
12
——
12
STEP LOAD
TRANSIENT
RESPONSE3, 7, 8
MAIN
——
850
——
850
mV pk
± AUXILIARY
——
750
——
750
RECOVERY MAIN
—
58
—
58
ms
RECOVERY ±AUX.
—
23
—
23
START-UP3,
DELAY EACH OUTPUT
—
10
25
—
10
25
ms
Notes
1. The sum of the 12 volt auxiliary output currents may not exceed 625 mA.
The sum of the 15 volt auxiliary output currents may not exceed 500 mA.
2. The sum of the auxiliary output power may not exceed 7.5 watts.
3. Case temperature –55°C to +125°C.
4. Load regulation for the +5 is specified at 0.0 to 1.5 A with the aux. both held
at 3.76 W (313 mA for the ±12, 250 mA for the ±15). Load regulation for the
aux. is specified as both aux. from 0.0 to 3.76 W (313 mA for ±12, 250 mA
for ±15) at the same time with the +5 held at 1.5 A.
5. Cross regulation only occurs between the two auxiliaries and is measured on
–aux. +5 is held constant at 1.0 A. Cross regulation is specified for two
conditions:
Negative aux.= 3.76 W; positive aux.= 0.37 W to 3.76 W.
Negative aux. = 0.37 W to 3.76 W; positive aux. = 3.76 W.
6. Load fault = <0.05
Ω.
7. Transition time is 2 – 10 µs.
8. Time to settle to within 1% of Vout final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com