Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2812SF/883 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MHV2812SF/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2812SF/883 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MHV2812SF/883 Datasheet HTML 2Page - Interpoint Corporation Company MHV2812SF/883 Datasheet HTML 3Page - Interpoint Corporation Company MHV2812SF/883 Datasheet HTML 4Page - Interpoint Corporation Company MHV2812SF/883 Datasheet HTML 5Page - Interpoint Corporation Company MHV2812SF/883 Datasheet HTML 6Page - Interpoint Corporation Company MHV2812SF/883 Datasheet HTML 7Page - Interpoint Corporation Company MHV2812SF/883 Datasheet HTML 8Page - Interpoint Corporation Company MHV2812SF/883 Datasheet HTML 9Page - Interpoint Corporation Company MHV2812SF/883 Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PIN OUT
MHV
28 512 T
F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
(Non-flanged case has no designator in
this position)
(S = single, D = dual, T = triple)
(Main and aux. Vout for triple models)
(R = decimal point, 3R3 = 3.3 Vout)
(Standard screening has no designator
in this position.)
Dot on top of cover
indicates pin one.
Dotted line outlines flanged package option.
6
10
7
8
9
12
345
MODEL NUMBERING KEY
FIGURE 5: PIN OUT SINGLES AND DUALS
STANDARD MICROCIRCUIT
DRAWING (SMD)
MHV SERIES
SIMILAR PART
MHV283R3S/883
MHV2805S/883
MHV2812S/883
MHV2815S/883
MHV2805D/883
MHV2812D/883
MHV2815D/883
MHV28512T/883
MHV28515T/883
SMD NUMBERS
Flanged SMD numbers for the MHV Series of converters have
the suffix HZC instead of HXC. For exact specifications for an
SMD product, refer to the SMD drawing. Call your Interpoint repre-
sentative for status on MHV SMD releases. See Section A3,
SMDs, for more information.
MHV SERIES
15 WATT
Pin
Single Output
Dual Output
Triple Output
1
Positive Input
Positive Input
Positive Input
2
Inhibit
Inhibit
Main (+5) Output
3
Trim
Positive Output
Output Common
4
Output Common
Output Common Neg. Aux. Output
5
Positive Output
Negative Output Pos. Aux. Output
6,7
Case Ground
Case Ground
Case Ground
8
Case Ground
Case Ground
Inhibit
9
Sync In
Sync In
Sync In
10
Input Common
Input Common
Input Common
Leave sync pin (pin 9) unconnected if not used.
Dot on top of cover
indicates pin one.
BOTTOM VIEW
MHV TRIPLE
FLANGED AND NON-FLANGED
Dotted line outlines flanged package option.
10
9876
12345
FIGURE 6: PIN OUT TRIPLE
See Section B8, cases H2 and K3 for dimensions.
See Section B8, cases F1, J1, and J2 for dimensions.
IN
PR
OC
ES
S
6
DC/DC CONVERTERS
MHV 21421-001-DTS Rev B
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MHV Series is a trademark of Interpoint.
Copyright © 1995 - 2002 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com