Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2805SY/883 Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # MOR2805SY/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR2805SY/883 Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button MOR2805SY/883 Datasheet HTML 8Page - Interpoint Corporation Company MOR2805SY/883 Datasheet HTML 9Page - Interpoint Corporation Company MOR2805SY/883 Datasheet HTML 10Page - Interpoint Corporation Company MOR2805SY/883 Datasheet HTML 11Page - Interpoint Corporation Company MOR2805SY/883 Datasheet HTML 12Page - Interpoint Corporation Company MOR2805SY/883 Datasheet HTML 13Page - Interpoint Corporation Company MOR2805SY/883 Datasheet HTML 14Page - Interpoint Corporation Company MOR2805SY/883 Datasheet HTML 15Page - Interpoint Corporation Company MOR2805SY/883 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
MOR SERIES
120 WATT
DC/DC CONVERTERS
TEST
125°C
125°C
STANDARD
/ES
/883 (Class H)*
PRE-CAP INSPECTION 25°C
Method 2017, 2032
yes
yes
yes
TEMPERATURE CYCLE (10 times)
Method 1010, Cond. C, -65°C to 150°C
no
no
yes
Method 1010, Cond. B, -55°C to 125°C
no
yes
no
CONSTANT ACCELERATION 25°C
Method 2001, 3000 g
no
no
yes
Method 2001, 500 g
no
yes
no
BURN-IN
Method 1015, 160 hours at 125°C
no
no
yes
96 hours at 125°C case (typical)
no
yes
no
FINAL ELECTRICAL TEST MIL-PRF-38534, Group A
Subgroups 1 through 6: -55°C, +25°C, +125°C
no
no
yes
Subgroups 1 and 4: +25°C case
yes
yes
no
HERMETICITY TESTING 25°C
Fine Leak, Method 1014, Cond. A
no
yes
yes
Gross Leak, Method 1014, Cond. C
no
yes
yes
Gross Leak, Dip (1 x 10-3)
yes
no
no
FINAL VISUAL INSPECTION 25°C
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
ENVIRONMENTAL SCREENING
20420-001-DTS RevD. This revision supercedes all previous releases.
All technical information is believed to be accurate, but no responsibility is assumed
for errors or omissions. Interpoint reserves the right to make changes in products
or specifications without notice. MOR Series is a trademark of Interpoint. Copyright
© 1999-2003 Interpoint. All rights reserved.
Contact Information:
Interpoint Headquarters USA
Phone:
1-800-822-8782
+425-882-3100
Email:
power@intp.com
www.interpoint.com
Interpoint UK
Phone:
+44-1252-872266
Email:
poweruk@intp.com
Interpoint France
Phone:
+33-134285455
Email:
powerfr@intp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com