Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRH2805S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MRH2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MRH2805S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MRH2805S Datasheet HTML 1Page - Interpoint Corporation Company MRH2805S Datasheet HTML 2Page - Interpoint Corporation Company MRH2805S Datasheet HTML 3Page - Interpoint Corporation Company MRH2805S Datasheet HTML 4Page - Interpoint Corporation Company MRH2805S Datasheet HTML 5Page - Interpoint Corporation Company MRH2805S Datasheet HTML 6Page - Interpoint Corporation Company MRH2805S Datasheet HTML 7Page - Interpoint Corporation Company MRH2805S Datasheet HTML 8Page - Interpoint Corporation Company MRH2805S Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DUAL AND TRIPLE OUTPUT MODELS
MRH2812D
MRH2815D
MRH2812T
MRH2815T
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
MAIN
+11.88 +12.0 +12.12
+14.85 +15.0 +15.15
+4.95
+5.0
+5.05
+4.95
+5.0 +5.05
AUX.
–11.82 –12.0 –12.18
–14.77 –15.0 –15.23 ±11.50 ±12.0 ±12.50 ±14.40 ±15.0 ±15.60
VDC
OUTPUT CURRENT1
MAIN
+0.01 +0.625
+1.0
+0.008 +0.50
+0.8
+0.40 +1.80 +2.00
+0.40 +1.80 +2.00
A
–55°C TO +85°C
AUX.
–0.01 –0.625
–1.0
–0.008 –0.50
–0.8
±0.00
±0.25 ±0.50
±0.00 ±0.20 ±0.40
OUTPUT POWER1
MAIN
—
7.5
12
—
7.5
12
2
9
10
2
9
10
AUX.
—
7.5
12
—
7.5
12
0
3
6
0
3
6
W
TOTAL
0.25
—
15
0.25
—
15
2
–
15
2
–
15
OUTPUT RIPPLE
MAIN
—
40
60
—
40
60
–
50
75
–
30
50
VOLTAGE, 10 kHz - 2 MHz
AUX.
—
40
60
—
40
60
–
30
50
–
30
50
mV p-p
LINE REGULATION
MAIN
—
5
20
—
5
20
—
5
10
—
5
10
mV
VIN = MIN. TO MAX.
AUX.
—
20
100
—
20
100
—
200
400
—
250
500
LOAD REGULATION2
MAIN
—
5
30
—
5
30
—
5
10
—
5
10
mV
NO LOAD TO FULL
AUX.
—
10
100
—
10
100
—
200
400
—
250
500
INPUT VOLTAGE3
CONTINUOUS
16
28
40
19
28
40
16
28
36
16
28
36
VDC
TRANSIENT 50 ms
—
—
50
—
—
50
—
—
40
—
—
40
V
INPUT CURRENT
NO LOAD
—
55
70
—
55
70
—
70
80
—
85
95
FULL LOAD
—
—
700
—
—
700
—
—
770
—
—
778
mA
INHIBITED
—
22
25
—
22
25
—
23
25
—
23
25
INPUT RIPPLE
CURRENT
10 kHz TO 2 MHz
—
25
50
—
25
50
—
25
50
—
25
50
mA p-p
EFFICIENCY
76
78
—
76
78
—
70
72
—
70
72
—
%
LOAD FAULT4
SHORT CIRCUIT
—
5
—
—
5
—
—
5
—
—
5
—
W
POWER DISSIPATION
OVERLOAD
—
5
—
—
5
—
—
5
—
—
5
—
START-UP
DELAY
—
3
10
—
3
10
—
3
10
—
3
10
ms
B4-21
MRH SERIES
15 WATT
DC/DC CONVERTERS
Notes
1. Maximum combined output power is 15 watts for both dual and triple models.
Dual output models: The maximum specification is the total output current/power.
Up to 80% of that total is available from either output provided the positive output maintains a minimum of 20% of the total power used.
Triple output models: The maximum combined power of the auxiliaries is 6 watts, of which 100% is available from either output.
2. Load regulation is not guaranteed below minimum load.
3. Converter should not be inhibited or operated below 12 Vin above 104 rads (Si) total dose.
4. Indefinite short circuit protection is not guaranteed above 85°C case.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
PIN OUT
Pin
Single Output
Dual Output
Triple Output
1
Positive Input
Positive Input
Positive Input
2
No connection
No connection
Main (+5) Output
3
Trim
Negative Output
Output Common
4
Output Common Output Common
Neg. Aux. Output
5
Positive Output
Positive Output
Pos. Aux. Output
6
No connection
No connection
No connection
7
Case Ground
Case Ground
Case Ground
8
Inhibit
Inhibit
Inhibit
9
No connection
No connection
No connection
10
Input Common
Input Common
Input Common
Dot on top of cover indicates pin one.
BOTTOM VIEW
MRH
FLANGED AND NON-FLANGED
See Section B8, cases F3 and J3, for dimensions.
10
9
8
7
6
123
4
5
Dotted line
outlines flanged
package option.
FIGURE 1: PIN OUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com