Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA2805S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MSA2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSA2805S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MSA2805S Datasheet HTML 1Page - Interpoint Corporation Company MSA2805S Datasheet HTML 2Page - Interpoint Corporation Company MSA2805S Datasheet HTML 3Page - Interpoint Corporation Company MSA2805S Datasheet HTML 4Page - Interpoint Corporation Company MSA2805S Datasheet HTML 5Page - Interpoint Corporation Company MSA2805S Datasheet HTML 6Page - Interpoint Corporation Company MSA2805S Datasheet HTML 7Page - Interpoint Corporation Company MSA2805S Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MSA SERIES
5 WATT
DC/DC CONVERTERS
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1. Up to 4 watts (80% of full power) is available from either output providing the
opposite output is carrying 20% of total power.
2. Shows regulation effect on the minus output during the defined cross loading
conditions. See Figures 15 and 16.
3. Indefinite short circuit protection not guaranteed above 125°C (case).
4. Recovery time is measured from application of the transient to point at which
VOUT is within 1% of VOUT at final value.
5. Transition time >10µs.
DUAL OUTPUT MODELS
MSA 2805D
MSA2812D
MSA2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
VDC
–VOUT
4.9
5.0
5.1
11.76
12.00
12.24
14.70
15.00
15.30
OUTPUT CURRENT1
VIN = 16 to 40 VDC
Tc = –55°C to +125°C
—
±500
800
—
±208
333
—
±167
267
mA
OUTPUT POWER1
VIN = 16 to 40 VDC
Tc = –55°C to +125°C
—
—
5
—
—
5
—
—
5
W
OUTPUT RIPPLE VOLT.
10 kHz - 2 MHz
—
—
150
—
40
140
—
60
150
mV p-p
LINE REGULATION
Tc = –55°C to +125°C
Vin = 16 to 40 VDC
+VOUT
—
10
25
—
10
50
—
10
50
mV
–VOUT
—
40
75
—
40
180
—
40
180
LOAD REGULATION
Tc = –55°C to +125°C
NO LOAD TO FULL
+VOUT
—
10
50
—
10
50
—
10
50
mV
–VOUT
—
50
200
—
50
200
—
50
200
CROSS REGULATION2
+PO = 20 - 80 %, –PO = 80 - 20%
—10
20
—
8
15
—
7
15
–PO = 20 - 80 %, +PO = 80 - 20%
%
+PO = 50 - 10 %, –PO = 50%
—
5
8
—
3.7
6
—
3
6
–PO = 50 - 10 %, +PO = 50%
INPUT VOLTAGE
NO LOAD TO FULL
Tc = –55°C to +125°
˜CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 50 msec
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
30
35
—
33
58
—
38
60
Tc = –55°C to +125°C
FULL LOAD
—
248
—
—
235
—
—
235
—
mA
INHIBITED
—
3
5
—
3
5
—
3
5
INPUT RIPPLE
10 kHz TO 10 MHz
—
25
80
—
25
100
—
25
100
CURRENT
Tc = –55°C to +125°C
—
30
160
—
30
150
—
30
150
mA p-p
EFFICIENCY
68
72
—
69
75
—
70
75
—
%
LOAD FAULT3, 4
POWER DISSIPATION
SHORT CIRCUIT
—
1.3
1.8
—
1.3
1.7
—
1.3
1.6
W
RECOVERY
—
—
50
—
1
10
—
1
10
ms
STEP LOAD
50% - 100% - 50% BALANCED
RESPONSE4, 5
TRANSIENT
—
—
±150
—
±300
±750
—
±300
±750
mV
RECOVERY
—
—
100
—
200
500
—
500
1250
µs
STEP LINE RESP.4, 5
TRANSIENT
16 TO 40 VDC
—
—
±750
—
±50
±125
—
±150
±375
40 TO 16 VDC
—
—
±500
—
±50
±125
—
±100
±250
mV pk
RECOVERY
16 TO 40 VDC
—
—
1200
—
150
375
—
250
625
40 TO 16 VDC
—
—
1200
—
400
1000
—
800
2000
µs
START-UP
DELAY
—
—
25
—
3
10
—
3
10
ms
OVERSHOOT
—
—
500
—
0
120
—
0
150
mV pk



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com