Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM283R3S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MSM283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSM283R3S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MSM283R3S Datasheet HTML 1Page - Interpoint Corporation Company MSM283R3S Datasheet HTML 2Page - Interpoint Corporation Company MSM283R3S Datasheet HTML 3Page - Interpoint Corporation Company MSM283R3S Datasheet HTML 4Page - Interpoint Corporation Company MSM283R3S Datasheet HTML 5Page - Interpoint Corporation Company MSM283R3S Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MSM SERIES
5 WATT
DC/DC CONVERTERS
Notes:
1. The maximum specification indicates the converter’s total output power, Up
to 75% of the total is available from either output providing the other output
maintains a minimum of 25% of the total power.
2. Short circuit is measured with a 50 mohm resistive load.
3. Time to settle within 1% of V
OUT
4. Transition
≥ 10 µs.
DUAL OUTPUT MODELS
MSM2812D
MSM2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
Tc = 25°C
±11.82 ±12
±12.18
±14.78 ±15 ±15.23
VDC
OUTPUT CURRENT
V
IN
= 16 TO 40 VDC
0
±208
—
0
±167
—
mA
OUTPUT POWER
1
V
IN
= 16 TO 40 VDC
0
—
5
0
—
5
W
OUTPUT RIPPLE
10 kHz - 2 MHz
—
180
—
—
150
—
VOLTAGE +VOUT
Tc = –55°C TO +125°C
—
1200
—
—
1000
—
mV p-p
–VOUT
10 kHz - 2 MHz
—
180
—
—
150
—
Tc = –55°C TO +125°C
—
1200
—
—
1000
—
LINE REGULATION
+VOUT
—
120
—
—
150
—
mV
V
IN
= 16 TO 40 VDC
–VOUT
—
120
—
—
150
—
LOAD REGULATION
+VOUT
—
350
—
—
400
—
mV
NO LOAD TO FULL
–VOUT
—
350
—
—
400
—
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 120 ms
0
—
80
0
—
80
V
INPUT CURRENT
NO LOAD
—
20
—
—
16
—
FULL LOAD
—
230
—
—
220
—
mA
INHIBITED
—
4.5
—
—
4.5
—
INPUT RIPPLE
10 kHz - 2 MHz
—
20
—
—
15
—
mA p-p
CURRENT
Tc = –55°C TO +125°C
—
120
—
—
100
—
EFFICIENCY
—
80
—
—
82
—
%
LOAD FAULT
POWER DISSIPATION
OVERLOAD
—
1.7
—
—
1.5
—
W
SHORT CIRCUIT
2
—
0.8
—
—
0.7
—
RECOVERY
3
—
8.0
—
—
7.5
—
ms
OUTPUT CURRENT
TRIP POINT
—
350
—
—
280
—
SHORT CIRCUIT
—
380
—
—
300
—
mA
STEP LOAD
50 %–100%– 50%
RESPONSE ± VOUT
TRANSIENT
4
—
400
—
—
400
—
mV pk
RECOVERY
3
—
1
—
—1—
ms
STEP LINE
16 TO 40 TO 16 VIN
RESPONSE ± VOUT
TRANSIENT
4
—
500
—
—
500
—
mV pk
RECOVERY
3
—
2
—
—2—
ms
START–UP ± VOUT
DELAY
—
4
—
—
3.5
—
ms
OVERSHOOT
—
350
—
—
400
—
mV pk
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com