Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTO1212T Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MTO1212T
Description  DC/DC CONVERTERS 12 & 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTO1212T Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MTO1212T Datasheet HTML 1Page - Interpoint Corporation Company MTO1212T Datasheet HTML 2Page - Interpoint Corporation Company MTO1212T Datasheet HTML 3Page - Interpoint Corporation Company MTO1212T Datasheet HTML 4Page - Interpoint Corporation Company MTO1212T Datasheet HTML 5Page - Interpoint Corporation Company MTO1212T Datasheet HTML 6Page - Interpoint Corporation Company MTO1212T Datasheet HTML 7Page - Interpoint Corporation Company MTO1212T Datasheet HTML 8Page - Interpoint Corporation Company MTO1212T Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
B4-26
MTO SERIES
15 WATT
DC/DC CONVERTERS
FIGURE 4
MTO2815T Efficiency
Representative of all models
66
70
72
78
82
610
12
68
74
76
80
24
8
14
16
18 VIN
28 VIN
36 VIN
Output Power (Watts)
Typical Performance Curve: 25°C Tc
PIN OUT
Pin
Designation
1
Positive Input
2
+5 VDC Output
3
Output Common
4
Negative Aux. Output
5
Positive Aux. Output
6
No Connection
7
Case Ground
8
Inhibit
9
No Connection
10
Input Common
BOTTOM VIEW
MTO
10
9
8
7
6
123
4
5
Squared corner and dot on
top of cover indicate pin one.
Dotted line outlines flanged package option.
See Section B8, Cases F4 and J5, for dimensions
FIGURE 3: PIN OUT
MTO
12 12
T
F / ES
Base Model
Input Voltage
Output Voltage
Number of Outputs
(T = triple)
(Aux. Vout)
Screening
Case Option
(Non-flanged case has no designator in
this position)
(Standard screening has no designator
in this position.)
MODEL NUMBERING KEY
24223-001-DTS Rev A
DQ# 1021
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MTO Series is a trademark of Interpoint.
Copyright © 1990 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com