Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2805DY/883 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MOR2805DY/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR2805DY/883 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MOR2805DY/883 Datasheet HTML 6Page - Interpoint Corporation Company MOR2805DY/883 Datasheet HTML 7Page - Interpoint Corporation Company MOR2805DY/883 Datasheet HTML 8Page - Interpoint Corporation Company MOR2805DY/883 Datasheet HTML 9Page - Interpoint Corporation Company MOR2805DY/883 Datasheet HTML 10Page - Interpoint Corporation Company MOR2805DY/883 Datasheet HTML 11Page - Interpoint Corporation Company MOR2805DY/883 Datasheet HTML 12Page - Interpoint Corporation Company MOR2805DY/883 Datasheet HTML 13Page - Interpoint Corporation Company MOR2805DY/883 Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
MOR SERIES
120 WATT
DC/DC CONVERTERS
FIGURE 50
FIGURE 51
FIGURE 52
FIGURE 53
FIGURE 54
MOR2812D Step Load Response
100 - 50%
Step Load
100 µs/div
50% Load
+Vout
–Vout
MOR2812D Step Load Response
50 - 100%
Step Load
100 µs/div
50% Load
+Vout
–Vout
MOR2812D Step Line Response
100 µs/div
+Vout
Vin
+Vout
Vin
MOR2812D Turn On Response
2.5 ms/div
Vin
+Vout
–Vout
MOR2812D Inhibit Release Inrush Current
5 ms/div
Iin
Vout
18 to 40 V, 40 to 18 V
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.
Vin
FIGURE 44
FIGURE 45
FIGURE 46
FIGURE 47
FIGURE 48
FIGURE 49
MOR2805D Step Load Response
50 - 100%
Load
50 µs/div
50% Load
+Vout
–Vout
MOR2805D Step Line Response
25 µs/div
–Vout
Vin
+Vout
MOR2805D Step Line Response
25 µs/div
–Vout
+Vout
MOR2805D Turn On Response
2.5 ms/div
Vin
+Vout
–Vout
MOR2812D Output Ripple (±Vout)
1 µs/div
+Vout
–Vout
MOR2812D Input Ripple (Iin)
1 µs/div
25 µs/div
80% load each output
18 to 40 V, 80% load each output
40 to 18 V, 80% load each output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com