Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM2815D Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MSM2815D
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSM2815D Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MSM2815D Datasheet HTML 1Page - Interpoint Corporation Company MSM2815D Datasheet HTML 2Page - Interpoint Corporation Company MSM2815D Datasheet HTML 3Page - Interpoint Corporation Company MSM2815D Datasheet HTML 4Page - Interpoint Corporation Company MSM2815D Datasheet HTML 5Page - Interpoint Corporation Company MSM2815D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MSM SERIES
5 WATT
DC/DC CONVERTERS
27922 DTS Rev B This revision supercedes all previous releases.
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice. MSM Series is a trade-
mark of Interpoint. Copyright © 2000-2001 Interpoint. All rights reserved.
2.00 (50.8)
0.02 (0.51)
0.00
0.25
0.65
0.95
1.25
1.65
FIGURE 2: MSM SERIES OUTLINE DRAWING
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places, ±0.01 (0.3) for two decimal places unless otherwise specified. Pin
spacing tolerance is ±0.010
CAUTION
Maximum reflow temperature for surface mounting the MSM converter is 230°C for a maximum of 30 seconds. SN60,
62, or 63 are the recommended types of solder. Hand soldering should not exceed 300°C for 10 seconds per pin.
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process
may cause some distortion. Please refer to the numerical dimensions for accuracy.
0.312 max. (7.92)
Contact Information:
Interpoint Headquarters USA
Phone:
1-800-822-8782
+425-882-3100
Email:
power@intp.com
www.interpoint.com
Interpoint UK
Phone:
+44-1252-815511
Email:
poweruk@intp.com
Interpoint France
Phone:
+33-134285455
Email:
powerfr@intp.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com