Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTW2812S/ES Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MTW2812S/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTW2812S/ES Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MTW2812S/ES Datasheet HTML 1Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 2Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 3Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 4Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 5Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 6Page - Interpoint Corporation Company MTW2812S/ES Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PIN OUT
B4-11
MTW SERIES
30 WATT
DC/DC CONVERTERS
MTW2812D
MTW2815D
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
11.88
12.0
12.12
14.85
15.0
15.15
VDC
– VOUT
11.88
12.0
12.12
14.85
15.0
15.15
OUTPUT CURRENT
2.5
2.0
A
OUTPUT POWER1
–55°C to +85°C
30.0
30.0
W
OUTPUT RIPPLE
VOLTAGE
BW
≤ 2 MHz
50
85
50
85
mV p-p
LINE REGULATION
VIN = 18 TO 40
10
25
10
25
mV
LOAD REGULATION
NO LOAD TO FULL
20
50
20
50
mV
CROSS REGULATION2
+VOUT
2.5
3.5
2.2
3.2
%
– VOUT
2.5
3.5
2.2
3.2
INPUT VOLTAGE
CONTINUOUS
18
28
40
18
28
40
VDC
–55°C to +85°C
TRANSIENT 50 ms
50
50
INPUT CURRENT
NO LOAD
35
50
45
60
FULL LOAD
1350
1400
mA
INHIBITED
24
24
INPUT RIPPLE
CURRENT
BW
≤ 2 MHz
15
50
15
50
mA p-p
EFFICIENCY
81
84
82
85
%
START-UP
DELAY3
—30
30
ms
OVERSHOOT
500
500
mV
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1. Up to 90% of full power is available from either output providing the total power does not exceed 30 watts.
2. The effect on the output voltage of either output (held at 3 watts) when the other output is varied from 3 to 27 watts.
3. A low output impedance power source is required on the input to realize this start-up time. If less than full surge
current is available, start-up time will be longer
Pin
MTW2805S
Single Output
Dual Output
1
Positive Input
Positive Input
Positive Input
2
Inhibit
Inhibit
No connection
3
Sense Return
No connection
Positive Output
4
Output Common
Output Common
Output Common
5
Positive Output
Positive Output
Negative Output
6
Positive Sense
No connection
No connection
7
Case Ground
Case Ground
Case Ground
8
No connection
No connection
Inhibit
9
No connection
No connection
Input Common
10
Input Common
Input Common
Input Common
BOTTOM VIEW
MTW
Squared corner and dot on
top of cover indicate pin one.
10
9
8
7
6
123
4
5
See section B8, case J5, for dimensions.
FIGURE 1: PIN OUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com