Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIN-001 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # PIN-001
Description  ACCESSORY PIN TERMINAL ADAPTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

PIN-001 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  PIN-001 Datasheet HTML 1Page - Interpoint Corporation Company PIN-001 Datasheet HTML 2Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL
B7-3
PIN-001
DESCRIPTION
Interpoint’s side-leaded packages can now be adapted with PIN
terminal adapters to fit a variety of configurations. These versatile
adapters slide over the ends of side-leaded package terminals and
are intended to be soldered to the leads to provide an up-leaded or
down-leaded configuration.
CONSTRUCTION
PIN adapters are constructed from low resistance copper alloy Cu-
70210 which has a conductivity similar to that of copper. The plating
is 50 microinches (0.12mm) of solder — 60% tin and 40% lead —
over 100 to 200 microinches (2.5 to 5mm) of electrolytic nickel
plating.
LOW RESISTANCE
Low resistance copper alloy construction minimizes the voltage drop
across the PIN terminals. For example, when operating the
MFL2805S at full load (10 A) the voltage drop over the full length of
the adapter on positive Vout is just 30 mV. On single output
converter models, the sense function can compensate for even this
small drop if required.
SOLDERING
To prevent unwanted solder reflow, Interpoint suggests the use of
SN 96 (high-temp solder) to connect the PIN to the converter
terminal and SN 62 to connect the PIN to the board. The soldering
restrictions referenced on the data sheets of the listed Interpoint
products are 300°C for a maximum of 10 seconds per terminal.
APPLICATION
PIN terminal adapters are compatible with the following Interpoint
products:
MFL Series DC/DC converters
MFLHP Series DC/DC converters
MHP Series DC/DC converters
FMD-461SL, side-leaded DC/DC converter
LCM Line Conditioning Module
HUM-70 Hold-Up Module
ACCESSORY
PIN
TERMINAL ADAPTOR
PIN
ADAPTOR
FEATURES
• Adapts Interpoint “U1” cases
to upleaded or downleaded
configurations
• For use with MFL, MFLHP, MHP,
FMD270, HUM-70, or LCM Series
of Interpoint products
• Low resistance
• Copper alloy with solder plating
over nickel
PIN-001 adaptor dimensions are on the following page.


Similar Part No. - PIN-001

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
PIN-001 CRANE-PIN-001 Datasheet
36Kb / 2P
ACCESSORY PIN TERMINAL ADAPTOR
More results

Similar Description - PIN-001

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
PIN-001 CRANE-PIN-001 Datasheet
36Kb / 2P
ACCESSORY PIN TERMINAL ADAPTOR
logo
Harwin Plc
H2157-00 HARWIN-H2157-00 Datasheet
92Kb / 1P
TERMINAL PIN
H2170-01 HARWIN-H2170-01 Datasheet
57Kb / 1P
TERMINAL PIN
H2175-01 HARWIN-H2175-01 Datasheet
78Kb / 1P
TERMINAL PIN
logo
CUI INC
PPR-1U CUI-PPR-1U Datasheet
1Mb / 11P
RACK ACCESSORY
logo
Ledil, Inc.
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
Linnea Accessory
logo
Harwin Plc
H2081-01 HARWIN-H2081-01 Datasheet
65Kb / 1P
TERMINAL PIN
H2082-01 HARWIN-H2082-01 Datasheet
68Kb / 1P
TERMINAL PIN
H2087-01 HARWIN-H2087-01 Datasheet
67Kb / 1P
TERMINAL PIN
H2088-01 HARWIN-H2088-01 Datasheet
66Kb / 1P
TERMINAL PIN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com