Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTA17 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CTA17
Description  Switching capacity up to 20A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA17 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CTA17 Datasheet HTML 1Page - CIT Relay & Switch CTA17 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
•
Switching capacity up to 20A
•
Small size and light weight
•
PCB pin mounting standard
•
H-bridge contact configuration
•
Narrow width for high density placement
22.6 x 16.5 x 16.5mm
CONTACT DATA
Contact Arrangement
H = 2 X 1C (H-bridge)
Contact Rating
N.O.: 20A @ 14VDC
N.C.: 10A @ 14VDC
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
300W
Maximum Switching Voltage
24VDC
Maximum Switching Current
200A
COIL DATA
Coil Voltage
VDC
Rated
Max.
Coil Resistance
Ω ± 10%
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
12
14.4
225
9.00
1.2
0.64
10
10
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1000V rms min. @ sea level
1000V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.27mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
15g
CTA17


Similar Part No. - CTA17

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CTA17 COTO-CTA17 Datasheet
634Kb / 2P
MAXIMUM RATINGS, RELAY ELECTRICAL SPECIFICATIONS
More results

Similar Description - CTA17

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
Switching capacity up to 20A Small size and light weight
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
CIT Relay & Switch
A1M CIT-A1M Datasheet
92Kb / 2P
Switching capacity up to 20A
A15 CIT-A15 Datasheet
87Kb / 2P
Switching capacity up to 20A
J120D CIT-J120D Datasheet
133Kb / 2P
Switching capacity up to 20A
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com