Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9000CIEP Datasheet(PDF) 14 Page - Davicom Semiconductor, Inc.

Part # DM9000CIEP
Description  DAVICOM Semiconductor, Inc.
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000CIEP Datasheet(HTML) 14 Page - Davicom Semiconductor, Inc.

Back Button DM9000CIEP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9000CIEP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9000CIEP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9000CIEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9000CIEP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9000CIEP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9000CIEP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9000CIEP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9000CIEP Datasheet HTML 18Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
DM9000C/CI
Industrial-Temperature Ethernet Controller with General Processor Interface
Final
14
Version: DM9000C/CI-13-DS-F01
December 12, 2012
RSCCR
Resume System Clock Control Register
51H
XXH
MRCMDX
Memory Data Pre-Fetch Read Command Without Address
Increment Register
F0H
XXH
MRCMDX1
Memory Data Read Command With Address Increment
Register
F1H
XXH
MRCMD
Memory Data Read Command With Address Increment
Register
F2H
XXH
MRRL
Memory Data Read_ address Register Low Byte
F4H
00H
MRRH
Memory Data Read_ address Register High Byte
F5H
00H
MWCMDX
Memory Data Write Command Without Address Increment
Register
F6H
XXH
MWCMD
Memory Data Write Command With Address Increment
Register
F8H
XXH
MWRL
Memory Data Write_ address Register Low Byte
FAH
00H
MWRH
Memory Data Write _ address Register High Byte
FBH
00H
TXPLL
TX Packet Length Low Byte Register
FCH
XXH
TXPLH
TX Packet Length High Byte Register
FDH
XXH
ISR
Interrupt Status Register
FEH
00H
IMR
Interrupt Mask Register
FFH
00H
Key to Default
In the register description that follows, the default column
takes the form:
<Reset Value>, <Access Type>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
P = power on reset default value
S = software reset default value
E = default value from EEPROM
T = default value from strap pin
<Access Type>:
RO = Read only
RW = Read/Write
R/C = Read and Clear
RW/C1=Read/Write and Cleared by write 1
WO = Write only
Reserved bits are shaded and should be written with 0.
Reserved bits are undefined on read access.
*If Register 1FH bit 0 is updated from ‘1’ to ‘0’, the all Registers can not be accessed within 1ms.
6.1 Network Control Register (00H)
Bit
Name
Default
Description
7
RESERVED
P0,RW
Reserved
6
WAKEEN
P0,RW
When set, it enables the wakeup function. Clearing this bit will also clears all
wakeup event status
This bit will not be affected after a software reset
0: Enable
1: Disable
5
RESERVED
0,RO
Reserved
4
FCOL
PS0,RW
1: Force Collision Mode, used for testing
0: DISABLE
3
FDX
PS0,RO
Duplex mode of the internal PHY.
1: Full-duplex
0: half-duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com