Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DW2012 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # DW2012
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2012 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button DW2012 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW2012 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW2012 Datasheet HTML 18Page - List of Unclassifed Manufacturers DW2012 Datasheet HTML 19Page - List of Unclassifed Manufacturers DW2012 Datasheet HTML 20Page - List of Unclassifed Manufacturers DW2012 Datasheet HTML 21Page - List of Unclassifed Manufacturers DW2012 Datasheet HTML 22Page - List of Unclassifed Manufacturers DW2012 Datasheet HTML 23Page - List of Unclassifed Manufacturers DW2012 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
HEAVY-DUTY ACCESSORIES
42
TYPE 1 - CUTTING WHEELS
HIGH SPEED WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8030
14"
1/8"
1"
Ductile Cutting
5,500
DW8031
14"
1/8"
20mm
Ductile Cutting
5,500
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8032
12"
1/8"
1"
Ductile Cutting
6,400
DW8033
12"
1/8"
20mm
Ductile Cutting
6,400
DUCTILE PIPE CUTTING
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
TYPE 1 - CUTTING WHEELS
HIGH SPEED WHEELS
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8034
14"
1/8"
1"
Asphalt Cutting
5,500
DW8035
14"
1/8"
20mm
Asphalt Cutting
5,500
CAT #
DIA.
THICKNESS ARBOR
APPLICATION
MAX RPM
DW8036
12"
1/8"
1"
Asphalt Cutting
6,400
DW8037
12"
1/8"
20mm
Asphalt Cutting
6,400
ASPHALT CUTTING
Type 1
C
B
A = Diameter B = Thickness C = Arbor
A
TYPE 29 - ZIRCONIA
FLAP DISCS
CAT #
DIA.
ARBOR
GRIT SPECS
MAX RPM
DW8300
4"
5/8"
Z36
15,200
DW8302
4"
5/8"
Z60
15,200
DW8303
4"
5/8"
Z80
15,200
DW8304
4"
5/8"
Z120
13,300
DW8306
4-1/2"
7/8"
Z36
13,300
DW8308
4-1/2"
7/8"
Z60
13,300
DW8309
4-1/2"
7/8"
Z80
13,300
DW8310
4-1/2"
7/8"
Z120
13,300
DW8311
4-1/2"
5/8"-11
Z36
13,300
DW8312
4-1/2"
5/8"-11
Z60
13,300
DW8313
4-1/2"
5/8"-11
Z80
13,300
DW8314
4-1/2"
5/8"-11
Z120
13,300
DW8315
5"
7/8"
Z36
12,200
DW8317
5"
7/8"
Z60
12,200
CAT #
DIA.
ARBOR
GRIT SPECS
MAX RPM
DW8318
5"
7/8"
Z80
12,200
DW8319
5"
7/8"
Z120
12,200
DW8332
5"
5/8"-11
Z36
12,200
DW8333
5"
5/8"-11
Z60
12,200
DW8334
5"
5/8"-11
Z80
12,200
DW8335
5"
5/8"-11
Z120
12,200
DW8321
7"
7/8"
Z36
8,700
DW8323
7"
7/8"
Z60
8,700
DW8324
7"
7/8"
Z80
8,700
DW8325
7"
7/8"
Z120
8,700
DW8327
7"
5/8"-11
Z36
8,700
DW8329
7”
5/8”-11
Z60
8,700
DW8330
7"
5/8"-11
Z80
8,700
DW8331
7"
5/8"-11
Z120
8,700
WIRE BRUSHES
Type 29
A = Diameter C = Arbor
C
A
CAT #
DESCRIPTION
FACE WIDTH
TRIM LENGTH
MAX RPM
End Brushes
DW4900
Spindle Adapter M10 x 1.25 to 5/8-11
–
–
–
DW4901
1" Crimped End Brush/Carbon Steel 1/4" Stem .012"
–
1"
20,000
DW4902
1" Knot End Brush/Carbon Steel 1/4" Stem .020"
–
1"
20,000
DW4903
3" Crimped Flat Faced End Brush/Carbon Steel 1/4" Stem .012"
1/2"
5/8"
20,000
Bench Grinder Brushes
DW4904
6" Crimped Bench Wire Wheel, 5/8"-1/2" Arbor, Medium Face .014"
3/4"
1-1/8"
6,000
DW4905
6" Crimped Bench Wire Wheel, 5/8"-1/2" Arbor, Wide Face .014"
1"
1-1/8"
6,000
DW4906
8" Crimped Bench Wire Wheel, 5/8" Arbor, Medium Face .014"
3/4"
1-9/16"
4,000
DW4907
8" Crimped Bench Wire Wheel, 5/8" Arbor, Wide Face .014"
1"
1-9/16"
4,000
DW4908
10" Crimped Bench Wire Wheel, 3/4" Arbor, Wide Face .014"
1-9/16"
2-1/2"
3,600
Cup Brushes
DW4910
3" Knotted Cup Brush/Carbon Steel 5/8"-11 Arbor .020"
–
7/8"
14,000
DW4915
3" Knotted Cup Brush/Carbon Steel 10mm x 1.25 Arbor .020"
–
7/8"
14,000
DW4916
4" Knotted Cup Brush/Carbon Steel 5/8"-11 Arbor .020"
–
1-1/8"
9,000
DW4917
6" Knotted Cup Brush/Carbon Steel 5/8"-11 Arbor .020"
–
1-3/8"
6,600
DW4920
3" Crimped Cup Brush/Carbon Steel 5/8"-11 Arbor .014"
–
13/16"
14,000
DW4922
5" Crimped Cup Brush/Carbon Steel 5/8"-11 Arbor .014"
–
1-3/8"
8,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com