Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLZ1AC Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # GLZ1AC
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AC Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  GLZ1AC Datasheet HTML 1Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 2Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 3Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 4Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 5Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 6Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 7Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 8Page - Honeywell Solid State Electronics Center GLZ1AC Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Limit and Enclosed Switches
GLS Series
Global Limit Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A11
GENERAL INFORMATION
The GLS series is specifically designed for
world-wide applications and is supported
by Honeywell global resources for sales and
after sales service.
Over 300 versions designed to the newest
IEC standard are available and include a
wide range of EN50041 and EN50047 type
switches. Miniature EN50047 limit switches
are available in metal and double insulated
enclosures and a metal enclosed 3-cable
entry version (EN50047 mounting compat-
ible) is also offered. The larger EN50041
switches include metal enclosed standard
and plug-in versions.
Standard GLS switch circuit variations in-
clude 2 and 4-circuit snap action versions
with forced disconnect mechanism and two
2-circuit slow make and break versions.
Two-circuit bifurcated contact versions al-
low direct PLC interface. Plug-in GLS switch
types feature a 2-circuit snap action switch
with forced disconnect.
GLS includes features to make quick in-
stallation easier and safer. Screwdriver
guides, wire guides and finger guard pro-
tection are provided.
Customers will benefit from Honeywell’s
vast experience in serving world industries
over many years. To minimize plant down-
time and reduced maintenance costs, the
GLS series includes plug-in and indicator
switches with single or twin LEDs.
All EN50041 products feature modular con-
structions. Head, body or basic switch com-
ponents are available separately as replace-
ment parts. GLS allows end user mainten-
ance inventories and costs to be contained.
Most GLS versions are interchangeable with
almost all other makes of EN50041/47
switches.
TYPICAL APPLICATIONS
Machine tools: metal fabrication
equipment, presses, transfer lines and
special machinery
Material handling equipment:
conveyors, elevators, cranes and hoists
Packaging machinery and process
equipment
Textile machinery
Construction machinery and equipment,
vehicles and lift trucks
FEATURES
Designed to the new IEC standard for
world-wide applications
EN50041 metal standard and plug-in
versions
EN50047 metal and double insulated
versions
EN50047 mounting compatible, 3-cable
entry metal versions
UL, CSA, and CE
Sealing up to IP 67/NEMA 4
International conduit sizes
Snap action and slow action mechanism
with forced disconnect
Direct PLC interface compatible (two
circuit)
Galvanically isolated contacts (two
circuit)
Modular construction reduces
maintenance parts costs
Design for ease of installation
Five basic switch versions
Wide choice of actuators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com