| Electronic Components Datasheet Search |
|
GLZ1AE7D Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
GLZ1AE7D Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center |
|
2 / 20 page ![]() Limit and Enclosed Switches GLS Series Global Limit Switches Honeywell Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada A11 GENERAL INFORMATION The GLS series is specifically designed for world-wide applications and is supported by Honeywell global resources for sales and after sales service. Over 300 versions designed to the newest IEC standard are available and include a wide range of EN50041 and EN50047 type switches. Miniature EN50047 limit switches are available in metal and double insulated enclosures and a metal enclosed 3-cable entry version (EN50047 mounting compat- ible) is also offered. The larger EN50041 switches include metal enclosed standard and plug-in versions. Standard GLS switch circuit variations in- clude 2 and 4-circuit snap action versions with forced disconnect mechanism and two 2-circuit slow make and break versions. Two-circuit bifurcated contact versions al- low direct PLC interface. Plug-in GLS switch types feature a 2-circuit snap action switch with forced disconnect. GLS includes features to make quick in- stallation easier and safer. Screwdriver guides, wire guides and finger guard pro- tection are provided. Customers will benefit from Honeywell’s vast experience in serving world industries over many years. To minimize plant down- time and reduced maintenance costs, the GLS series includes plug-in and indicator switches with single or twin LEDs. All EN50041 products feature modular con- structions. Head, body or basic switch com- ponents are available separately as replace- ment parts. GLS allows end user mainten- ance inventories and costs to be contained. Most GLS versions are interchangeable with almost all other makes of EN50041/47 switches. TYPICAL APPLICATIONS Machine tools: metal fabrication equipment, presses, transfer lines and special machinery Material handling equipment: conveyors, elevators, cranes and hoists Packaging machinery and process equipment Textile machinery Construction machinery and equipment, vehicles and lift trucks FEATURES Designed to the new IEC standard for world-wide applications EN50041 metal standard and plug-in versions EN50047 metal and double insulated versions EN50047 mounting compatible, 3-cable entry metal versions UL, CSA, and CE Sealing up to IP 67/NEMA 4 International conduit sizes Snap action and slow action mechanism with forced disconnect Direct PLC interface compatible (two circuit) Galvanically isolated contacts (two circuit) Modular construction reduces maintenance parts costs Design for ease of installation Five basic switch versions Wide choice of actuators |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |