Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4H Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # LC4H
Description  DIN 48 SIZE LCD ELECTRONIC COUNTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC4H Datasheet(HTML) 6 Page - Panasonic Semiconductor

  LC4H Datasheet HTML 1Page - Panasonic Semiconductor LC4H Datasheet HTML 2Page - Panasonic Semiconductor LC4H Datasheet HTML 3Page - Panasonic Semiconductor LC4H Datasheet HTML 4Page - Panasonic Semiconductor LC4H Datasheet HTML 5Page - Panasonic Semiconductor LC4H Datasheet HTML 6Page - Panasonic Semiconductor LC4H Datasheet HTML 7Page - Panasonic Semiconductor LC4H Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LC4H/-L
Setting the operation mode and set value
Setting procedure 1) Setting the operation mode (input mode and output mode)
Set the input and output modes with the DIP switches on the side of the counter.
DIP switches
Setting procedure 2) Setting the set value
Set the set value with the UP and DOWN keys on the front of the counter.
Front display section
DIP switch
Item
DIP switch No.
1
2
3
ON
ON
ON
SHOT-A
OFF
OFF
OFF
SHOT-B
ON
OFF
OFF
SHOT-C
OFF
ON
OFF
SHOT-D
ON
ON
OFF
HOLD-A
OFF
OFF
ON
HOLD-B
ON
OFF
ON
HOLD-C
OFF
ON
ON
—
Output mode
Output mode
Refer to table 1
1
2
3
Minimum reset input signal width
20 ms
1 ms
4
Maximum counter speed
30 Hz
5 kHz
5
Input mode
Refer to table 2
6
7
8
ON
OFF
DIP switch No.
6
7
8
ON
ON
ON
Addition input
OFF
OFF
OFF
Subtraction input
ON
OFF
OFF
Directive input
OFF
ON
OFF
Independent input
ON
ON
OFF
Phase input
OFF
OFF
ON
—
ON
OFF
ON
—
OFF
ON
ON
—
(See note 1)
Input mode
Notes:1) The counter and set value displays will display DIP Err.
Notes:2) Set the DIP switches before installing the counter on the panel.
Notes:3) When the DIP SW setting is changed, turn off the power once.
Notes:4) The DIP switches are set as ON before shipping.
12
345
6
7
8
DIP switches (See note 2)
(Same for 6-digit and screw terminal types)
• 4-digit display type
Q Counter display
W Set value display
E Controlled output indicator
R Reset indicator
T Lock indicator
Y UP keys
Changes the corresponding
digit of the set value in the
addition direction (upwards).
U DOWN keys
Changes the corresponding digit of
the set value in the subtraction
direction (downwards).
I RESET switch
Resets the counting value and the
output.
O LOCK switch
Locks the operation of all keys on
the counter.
DOWN
UP
LOCK
RESET
LOCK
RST
OP.
COUNTER
LC4H
1
3
4
5
8
9
2
6
7
• 6-digit display type
Q Counter display
W Set value display
E Controlled output indicator
R Reset indicator
T Lock indicator
Y UP keys
Changes the corresponding digit of
the set value in the addition direc-
tion (upwards).
U RESET switch
Resets the counting value and the
output.
I LOCK switch
Locks the operation of all keys on
the counter.
LOCK
RESET
LOCK
RST
OP.
COUNTER
LC4H
1
3
4
5
7
8
2
6
• Changing the set value
1. It is possible to change the set
value with the up and down keys (4-
digit type only) even during counting.
However, be aware of the following
points.
1) If the set value is changed to less than
the count value with counting set to the
addition direction, counting will continue
until it reaches full scale (9999 with the
4-digit type and 999999 with the 6-digit
type), returns to zero, and then reaches
the new set value. If the set value is
changed to a value above the count
value, counting will continue until the
count value reaches the new set value.
2) Suppose that the counter is preset to
count down. Whether a preset count-
down value is smaller or larger than the
count value, the counter counts down to
“0(Zero)”.
2. If the set value is changed to “0,”
the unit will not complete count-up. It
starts counting up when the counting
value comes to “0 (Zero)” again.
1) Up-count (addition) input when count-
ing is set to the addition direction, count-
ing will continue until full scale is reached
(9999 with the 4-digit type and 999999
with the 6-digit type), return to zero, and
then complete count-up.
2) Down-count (subtraction) input when
counting is set to the subtraction direc-
tion, counting will continue until full scale
is reached (-999 with the 4-digit type and
-99999 with the 6-digit type), and then
the display will change to
with
the 4-digit type and
with the
6-digit type. The counting value does not
become “0” and so the counter does not
count up.
3) For directive, independent, and phase
input, when the counting value increases
or decreases from the value "0" and then
returns back to the value "0," count-up is
completed.
Table 1: Setting the output mode
Table 2: Setting the input mode
(See note 1)
(See note 1)
(See note 1)
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com