Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7680813 Datasheet(PDF) 14 Page - CommScope Inc.

Part # 7680813
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7680813 Datasheet(HTML) 14 Page - CommScope Inc.

Back Button 7680813 Datasheet HTML 10Page - CommScope Inc. 7680813 Datasheet HTML 11Page - CommScope Inc. 7680813 Datasheet HTML 12Page - CommScope Inc. 7680813 Datasheet HTML 13Page - CommScope Inc. 7680813 Datasheet HTML 14Page - CommScope Inc. 7680813 Datasheet HTML 15Page - CommScope Inc. 7680813 Datasheet HTML 16Page - CommScope Inc. 7680813 Datasheet HTML 17Page - CommScope Inc. 7680813 Datasheet HTML 18Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
12
ERA Ordering Guide
For North America
ERA Carrier Access Point Medium Power
ERA Carrier Access Points High Power
Ordering Information
Description
Network
Connection
Powered
Product
Code
CommScope
Material ID
CAP M - Carrier Access Point for Medium Power
4-Band Support
USA 700, USA 750, SMR 800, CEL 850,
AWS 1700, PCS 1900 Applications
Fiber Fed
AC
CAP M 7E/80-85/17E/19 F-AC
7820478-0001
DC
CAP M 7E/80-85/17E/19 F-DC
7820478-0002
WCS 2300 MIMO, and TDD 2500 MIMO
Applications
Fiber Fed
AC
CAP M 23/23/25/25 F-AC
7820689-0001
DC
CAP M 23/23/25/25 F-DC
7820689-0002
Wide Band Medium Power supporting
600MHz-2700MHz Applications
Fiber Fed
AC
CAP MX AC
7830127-0001
DC
CAP MX DC
7830127-0002
Medium Power supporting Public Safety
400 UHF, 700MHz including FirstNet and
800MHz Public Safety Applications
Fiber Fed
AC
CAP M 4/70/80F-AC
7828333-0001
DC
CAP M 4/70/80F-DC
7828333-0002
Ordering Information
Description
Network
Connection
Powered
Product
Code
CommScope
Material ID
CAP H- Carrier Access Point for High Power
4-Band Support
AWS 1700 MIMO, PCS 1900 MIMO
High Power Applications
Fiber Fed
AC
CAP H 17E/17E/19/19 F-AC-F1
7825730-0002
DC
CAP H 17E/17E/19/19 F-DC-F1
7825730-0004
WCS 2300 MIMO, BRS 2500 TDD MIMO
High Power Application
Fiber Fed
AC
CAP H 23/23/25T/25T F-AC-F1
7835476-0006
DC
CAP H 23/23/25T/25T F-DC-F1
7835476-0008
USA 700, USA 750, SMR 800, CEL
850, AWS 1700, PCS 1900 High Power
Applications
Fiber Fed
AC
CAP H 7E/80-85/17E/19 F-AC-F1
7825719-0002
DC
CAP H 7E/80-85/17E/19 F-DC-F1
7825719-0004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com