Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD13 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SD13
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SD13 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SD13 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SD13 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SD13 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS SD03 THRU SD36
Electrical Characteristics
https://dec.co.kr
DAESAN ELECTRONIC CORP.
SD03
SD05
SD08
SD08.5
SD09
SD10
SD11
SD12
SD13
SD14
SD15
SD16
SD17
SD18
SD20
SD22
SD24
SD26
SD28
SD30
SD33
SD36
Part
Number
Device
Marking
3A
5A
8A
8.5A
9A
10A
11A
12A
13A
14A
15A
16A
17A
18A
20A
22A
24A
26A
28A
30A
33A
36A
3.3
5.0
8.0
8.5
9.0
10
11
12
13
14
15
16
17
18
20
22
24
26
28
30
33
36
4.00
6.20
8.89
9.44
10.0
11.1
12.2
13.3
14.4
15.6
16.7
17.8
18.9
20.0
22.2
24.4
26.7
28.9
31.1
33.3
36.7
40.0
Rated
Stand-off
Voltage
VWM
(V)
6.5
7.3
10.5
11.2
11.8
13.1
14.3
15.6
16.8
18.2
19.5
20.7
22.1
23.4
25.8
28.3
30.9
33.6
36.1
38.6
42.4
46.7
9.7V @ 46.7A
10.8V @ 41.7A
15.7V @ 28.7A
17.1V @ 26.4A
18.2V @ 24.8A
19.4V @ 23.3A
21.1V @ 21.4A
22.9V @ 19.7A
24.8V @ 18.2A
25.8V @17.5A
26.8V @ 16.8A
28.0V @ 16.1A
29.2V @ 15.4A
32.4V @ 13.9A
33.5V @ 13.5A
36.9V @ 12.2A
40.2V @ 11.2A
43.5V @ 10.4A
46.8V @ 9.7A
51.0V @ 8.9A
57.0V @ 7.9A
63.6V @ 7.1A
400
350
250
220
210
190
170
160
150
140
130
120
100
95
90
85
80
75
70
65
60
55
20
15
10
5
2
1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Minimum
Breakdown
Voltage
@1mA
V(BR)
(V)
Maximum
Leakage
Current
@VWM
ID
(μA)
Typical
Clamping
Voltage
(See Fig.3)
@IPP=1A
VC
(V)
Maximum
Clamping
Voltage
(See Fig.3)
@8/20µs
VC@IPP
Typical
Capacitance
@0V, 1MHz
CJ
(pF)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com