Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS22AF Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SS22AF
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SS22AF Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SS22AF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SS22AF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS22AF THRU SS220AF
Features
· Built-in strain relief, ideal for automated placement
· Low reverse leakage
· High forward surge current capability
· High temperature soldering guaranteed:
250℃/10 seconds at terminals
· Component in accordance to
RoHS 2011/65/EU
Maximum Ratings And Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise noted.)
Note:
(1) Pulse test : 300μs pulse width, 1% duty cycle.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
Maximum average forward rectified current at TL(see fig.1)
V
Units
A
℃
A
Maximum reverse current
VR=VDC
Thermal resistance from junction to lead
mA
Maximum instantaneous forward voltage
Items
Mechanical Data
· Case : SMAF Molding compound meets
UL94V-0 flammability rating
· Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
· Polarity : Polarity symbol marking on body
Dimensions in inches and (millimeters)
SS22
AF
20
14
20
50
50
10
0.5
0.05
-55 to +150
Storage temperature range
℃
-55 to +150
-55 to +125
Operating junction temperature range
SCHOTTKY RECTIFIER
CURRENT 2.0 A
VOLTAGE 20 to 200 V
35
℃/W
40
28
40
60
42
60
80
56
80
100
70
100
2
0.55
0.70
0.85
V
Symbols
TA=25℃
TA=125℃
150
105
150
200
140
200
0.95
SS24
AF
SS26
AF
SS28
AF
SS210
AF
SS215
AF
SS220
AF
V
V
IF=2.0A (Note.1)
SMAF
0.002(0.05)
0.011(0.30)
0.035(0.90)
0.051(1.30)
0.130(3.30)
0.146(3.70)
0.091(2.30)
0.106(2.70)
0.047(1.20)
0.063(1.60)
0.019(0.50) MIN.
0.169(4.30)
0.193(4.90)
VRRM
IF(AV)
VF
IR
VRMS
TJ
TSTG
VDC
IFSM
RθJL
https://dec.co.kr
DAESAN ELECTRONIC CORP.


Similar Part No. - SS22AF

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
SS22AF BURLAND-SS22AF Datasheet
299Kb / 4P
SS22AF THRU SS220AF SCHOTTKY RECTIFIER
More results

Similar Description - SS22AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com