Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2D Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # US2D
Description  ULTRAFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

US2D Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  US2D Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. US2D Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US2A THRU US2M
Features
· Low profile package
· Ideal for automated placement
· Glass passivated chip junctions
· Ultrafast reverse recovery time
· Low switching losses, high efficiency
· High forward surge capability
· High temperature soldering:
260℃/10 seconds at terminals
Maximum Ratings And Electrical characteristics
(
unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
V
Symbols
Units
℃
A
Items
Mechanical Data
· Case : DO-214AC(SMA) molded plastic body
over glass passivated chip
· Polarity : Laser band denotes cathode end
· Terminals : Solder plated, solderable per
JESD22-B102D
VRRM
μA
Dimensions in inches and (millimeters)
ULTRAFAST RECOVERY RECTIFIER
CURRENT 2.0 A
VOLTAGE 50 to 1000 V
I(AV)
Operating junction and
storage temperature range
Maximum DC blocking voltage
US2A
V
A
pF
Thermal resistance from junction to lead
VF
IR
TRR
VRMS
ns
NOTE :
(1) Reverse recovery test conditions : IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
(3) Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
50
35
50
US2B US2D US2G US2J US2K US2M
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
TJ, TSTG
50
℃/W
VDC
IFSM
TA=25℃
TA=125℃
-55 to + 150
RθJL
2.0
1.3
1.0
1.7
V
5.0
50
50
75
15
35
CJ
Typical junction capacitance
Maximum reverse recovery time(1)
(2)
(3)
Maximum instantaneous forward voltage
at 2.0A
Reverse currnet VR=VDC
TA=25℃
DO-214AC (SMA)
0.006(0.152)
0.012(0.305)
0.194(4.93)
0.222(5.65)
0.078(1.98)
0.960(2.42)
0.157(3.99)
0.177(4.50)
0.100(2.54)
0.110(2.80)
0.008(0.203)
MAX.
0.049(1.25)
0.067(1.70)
0.030(0.76)
0.060(1.52)
https://dec.co.kr
DAESAN ELECTRONIC CORP.


Similar Part No. - US2D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2D SSE-US2D Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2D DIOTEC-US2D Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2D WEITRON-US2D Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2D DIOTEC-US2D Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2D SEMIKRON-US2D Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results

Similar Description - US2D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
Ultrafast Recovery Rectifier
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
Ultrafast Recovery Rectifier
RFVS8TJ6S ISC-RFVS8TJ6S Datasheet
279Kb / 2P
Ultrafast Recovery Rectifier
logo
DAESAN ELECTRONIC CORP.
UF4001G DAESAN-UF4001G Datasheet
128Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com