Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1510 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST1510
Description  0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST1510 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST1510 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST1510 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SERIES
0-5 Vdc FLUSH DIAPHRAGM
PRESSURE TRANSDUCER
ST1510
To order, specify the series number (ST1510), the
desired pressure range, and the three digit specification
number signifying the performance and configuration
parameters. Options are available. Please contact your
local representative or the factory.
For Example:
The STI Series ST1510 is a small, accurate, reliable flush diaphragm pressure transducer for measuring dynamic and static pressures. Available in absolute,
sealed gage, or true gage zero pressure reference, the unit is entirely welded of stainless steel. Features of design include long term stability, low sensitivity
to shock and vibration, wide temperature range, excellent response to transient pressures, infinite resolution and built in over-pressure protection.
Standard Ranges:
Proof Pressure:
Burst Pressure:
Operating Media:
Mounting:
Weight:
Excitation:
Zero Balance:
Full Scale Output:
Static Accuracy:
Therm. Zero Shift:
Therm. Sens. Shift:
Insulation/Isolation
Resistance:
0 - 3, 5, 10, 15, 25, 30, 50, 75, 100,
200, 500, 750, 1000, 1500 PSIA / PSIG.
Special ranges available.
3 - 200 PSI ranges:
500 PSI.
500 PSI range and up: 1.5 times range.
3 times range or 1500 PSI whichever is
greater.
Fluids and gases compatible with 316
stainless steel.
1.25" flange mountable.
1 1/4" NPT male mounting available.
4.5 ounces.
22-35 Vdc unregulated at less than
30 mA. 10 Vdc excitation available.
0.00 ± 1% FS at 70°F.
5.00 ± 0.050 Vdc at 70°F.
(10.0 ± 0.050 Vdc optional.)
± 0.15% FS.
Less than ± 0.005% FS/°F typical.
Less than ± 0.005% FS/°F typical.
Greater than 100 megohms at 50 Vdc
at 70°F.
Resolution:
Electrical
Receptacle:
Wiring:
Compensated
Temp. Range:
Operating
Temp. Range:
Natural Freq:
Enclosure:
Infinite.
Stainless steel hermetic to mate with
a PT06-10-6S (MS3116-10-6S).
Excitation +A, -D; Signal +B, -C;
No connection E, F. (Shunt avail.)
-30°F to +170°F.
-65°F to +250°F.
1.0 kHz at 3 PSI to 25 kHz at 1500
PSI.
Body and pressure cavity of stainless
steel, hermetically sealed.
DESCRIPTION
SPECIFICATIONS
ORDERING INFORMATION
ENVIRONMENTAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
000
05 0
11
ST
5
0 G
Basic Series #
Full Scale Pressure Range
Specification Code
(000 for basic
spec.
Zero Press. Reference
PSIA
PSIG sealed
PSIG True


Similar Part No. - ST1510

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST15100 SMC-ST15100 Datasheet
168Kb / 8P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST15100 SMCDIODE-ST15100 Datasheet
633Kb / 7P
SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
ST15100C SMC-ST15100C Datasheet
195Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST15100C SMCDIODE-ST15100C Datasheet
396Kb / 6P
SCHOTTKY RECTIFIER
Rev. B
logo
ABC Taiwan Electronics ...
ST1510140ML ABC-ST1510140ML Datasheet
490Kb / 7P
SMD TOROIDAL POWER FILTER
More results

Similar Description - ST1510

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7905 INTERSEMA-MS7905 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-5 BAR)
logo
Fuji Electric
EDSX5-93H FUJI-EDSX5-93H Datasheet
296Kb / 8P
PRESSURE TRANSMITTER Hydroseal짰 Diaphragm Version
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com