Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2107 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # GS2107
Description  GRAPHIC OPERATION TERMINAL GOT SIMPLESeries
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

GS2107 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  GS2107 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor GS2107 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor GS2107 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor GS2107 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor GS2107 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor GS2107 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor GS2107 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor GS2107 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor GS2107 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 252 page
background image
A - 2
[DESIGN PRECAUTIONS]
[MOUNTING PRECAUTIONS]
WARNING
● The display section of the GOT is an analog-resistive type touch panel. Simultaneous pressing of
two or more areas on the display section may activate the switch between those areas. Do not press
two or more areas simultaneously on the display section. Doing so may cause an accident due to
incorrect output or malfunction.
● When programs or parameters of the controller (such as a PLC) that is monitored by the GOT are
changed, be sure to shut off the power of the GOT promptly and power on the GOT again. Not doing
so can cause an accident due to false output or malfunction.
● If a communication fault (including cable disconnection) occurs during monitoring on the GOT,
communication between the GOT and PLC CPU is suspended and the GOT becomes inoperative. A
system where the GOT is used should be configured to perform any significant operation to the
system by using the switches of a device other than the GOT on the assumption that a GOT
communication fault will occur. Not doing so can cause an accident due to false output or
malfunction.
CAUTION
● Do not bundle the control and communication cables with main-circuit, power or other wiring. Run
the above cables separately from such wiring and keep them a minimum of 100mm apart. Not doing
so noise can cause a malfunction.
● Do not press the GOT display section with a pointed material as a pen or driver. Doing so can result
in a damage or failure of the display section.
● When the GOT is connected to the Ethernet network, the available IP address is restricted according
to the system configuration.
• When multiple GOTs are connected to the Ethernet network:
Do not set the IP address (192.168.3.18) for the GOTs and the controllers in the network.
• When a single GOT is connected to the Ethernet network:
Do not set the IP address (192.168.3.18) for the controllers except the GOT in the network.
Doing so can cause the IP address duplication. The duplication can negatively affect the communication of the
device with the IP address (192.168.3.18). The operation at the IP address duplication depends on the devices
and the system.
● Turn on the controllers and the network devices to be ready for communication before they
communicate with the GOT. Failure to do so can cause a communication error on the GOT.
● When the GOT is subject to shock or vibration, or some colors appear on the screen of the GOT, the
screen of the GOT might flicker.
WARNING
● Be sure to shut off all phases of the external power supply used by the system before mounting or
removing the GOT main unit to/from the panel. Not doing so can cause the unit to fail or malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com