Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC930 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDC930
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC930 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDC930 Datasheet HTML 4Page - Texas Instruments CDC930 Datasheet HTML 5Page - Texas Instruments CDC930 Datasheet HTML 6Page - Texas Instruments CDC930 Datasheet HTML 7Page - Texas Instruments CDC930 Datasheet HTML 8Page - Texas Instruments CDC930 Datasheet HTML 9Page - Texas Instruments CDC930 Datasheet HTML 10Page - Texas Instruments CDC930 Datasheet HTML 11Page - Texas Instruments CDC930 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SCAS641
– JULY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
HCLK/HCLK (Type X1)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
I f = 2 32 mA 4
VDD = 3.135 V
–8.1
mA
Iref = 2.32 mA 4
VDD = 3.465 V
–10.5
mA
I f = 2 32 mA 5
VDD = 3.135 V
–10.1
mA
IOH
High level output current
Iref = 2.32 mA 5
VDD = 3.465 V
VOH atZ = 50
–13.1
mA
IOH
High-level output current
I f = 2 32 mA 6
VDD = 3.135 V
VOH at Z = 50
–12.1
mA
Iref = 2.32 mA 6
VDD = 3.465 V
–15.7
mA
I f = 2 32 mA 7
VDD = 3.135 V
–14.1
mA
Iref = 2.32 mA 7
VDD = 3.465 V
–18.4
mA
CO
Output capacitance‡
VO = VDD or GND
3.5
pF
† All typical values are measured at their respective nominal V
DD values.
‡ These parameters are ensured by design and lab characterization, not 100% production tested.
48MHz, REFx (Type 3), CL = 20 pF, RL = 500
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = – 1 mA
VDD
–
0.1 V
V
OH
gg
VDD = 3.135 V,
IOH = –14 mA
2.4
VOL
Low level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 9 mA
0.4
V
VDD = 3.135 V,
VO = 1 V
–29
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–41
mA
VDD = 3.465 V,
VO = 3.135 V
–23
VDD = 3.135 V,
VO = 1.95 V
29
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
53
mA
VDD = 3.465 V,
VO = 0.4 V
27
CO
Output capacitance‡
VDD = 3.3 V,
VO = VDD or GND
2
5
pF
† All typical values are measured at their respective nominal VDD values.
‡ These parameters are ensured by design and lab characterization, not 100% production tested.
PCIx, 3V66x, MREF/MREF (Type 5), CL = 20 pF, RL = 500
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = – 1 mA
VDD
–
0.1 V
V
OH
gg
VDD = 3.135 V,
IOH = –18 mA
2.4
VOL
Low level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 12 mA
0.4
V
VDD = 3.135 V,
VO = 1 V
–33
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–53
mA
VDD = 3.465 V,
VO = 3.135 V
–33
VDD = 3.135 V,
VO = 1.95 V
30
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
70
mA
VDD = 3.465 V,
VO = 0.4 V
38
CO
Output capacitance‡
VDD = 3.3 V,
VO = VDD or GND
2
5
pF
† All typical values are measured at their respective nominal V
DD values.
‡ These parameters are ensured by design and lab characterization, not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com