Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSED-6R Datasheet(PDF) 21 Page - IDEC Corporation

Part # LSED-6R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-6R Datasheet(HTML) 21 Page - IDEC Corporation

Back Button LSED-6R Datasheet HTML 17Page - IDEC Corporation LSED-6R Datasheet HTML 18Page - IDEC Corporation LSED-6R Datasheet HTML 19Page - IDEC Corporation LSED-6R Datasheet HTML 20Page - IDEC Corporation LSED-6R Datasheet HTML 21Page - IDEC Corporation LSED-6R Datasheet HTML 22Page - IDEC Corporation LSED-6R Datasheet HTML 23Page - IDEC Corporation LSED-6R Datasheet HTML 24Page - IDEC Corporation LSED-6R Datasheet HTML 25Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
21
ø22 mm, 4-contact Emergency Stop Switch. Compact size—only 37.1 mm deep behind the panel
(screw terminal style 48.7 mm with terminal cover). Reliable “Safe break action.”
• The depth behind the panel is only 37.1 mm for 1 to 4 contacts
(screw terminal style 48.7 mm with terminal cover).
• The same depth behind the panel for illuminated and non-illuminated
switches.
• IDEC’s original “Safe break action” ensures that the contacts open
when the contact block is detached from the operator.
• 1 to 4NC main contacts and 1 or 2NO monitor contact
• Push-to-lock, Pull or Turn-to-reset operator
• Direct opening action mechanism (IEC60947-5-5, 5.2, IEC60947-5-1,
Annex K)
• Safety lock mechanism (IEC60947-5-5, 6.2)
• Degree of protection IP65 (IEC60529)
• Screw terminal style is finger-safe (IP20).
• Two operator sizes: ø40 and ø60 mm
• Dark red (Munsell 5R4/12) or bright red (Munsell 7.5R4.5/14) colors
are available for the non-illuminated operator.
• Push-ON illumination available (operator size: ø60)
• Connector style available to reduce wiring time and wiring mistakes.
• UL c-UL listed. EN compliant
Direct Opening Action
Standards
Applicable Standards
Mark
File No. or Organization
UL508
CSA C22.2 No.14
UL/c-UL Recognition File No. E68961
(solder terminal, PC board terminal)
UL/c-UL Listing File No. E68961
(screw terminal)
UL508
UL Recognition File No. E68961
(connector style)
IEC60947-5-5 (Note)
UL991
NFPA79
—
UL File No. E305148
(solder terminal, PC board terminal)
UL Listing File No. E305148
(screw terminal)
EN60947-5-1
EN60947-5-5 (Note)
TÜV SÜD
EU low voltage directive
GB14048.5
CCC No. 2005010305150897
(except connector style)
Note: Except for stop switch (yellow button)
Contact Ratings
(NC main contacts/NO monitor contact)
Rated Insulation
Voltage (Ui)
Screw Terminal
250V
Solder Terminal
300V
PC Board Terminal
Connector
125V
Rated Thermal Current (Ith)
5A (connector style: 2.5A)
Rated Operating Voltage
(Ue)
30V
125V
250V
(Note 3)
Main
Contacts
AC
50/60
Hz
Resistive Load (AC-12)
–
5A
(Note 1)
3A
Inductive Load (AC-15)
–
3A
(Note 2)
1.5A
DC
Resistive Load (DC-12)
2A
0.4A
0.2A
Inductive Load (DC-13)
1A
0.22A
0.1A
Monitor
Contacts
AC
50/60
Hz
Resistive Load (AC-12)
–
1.2A
0.6A
Inductive Load (AC-14)
–
0.6A
0.3A
DC
Resistive Load (DC-12)
2A
0.4A
0.2A
Inductive Load (DC-13)
1A
0.22A
0.1A
• Minimum applicable load: 5V AC/DC, 1 mA (reference value)
(Operating area depends on the operating conditions and load types.)
• The rated operating currents are measured at resistive/inductive load types
specified in JIS C8201-5-1.
Note 1: Solder terminal/PC board terminal: 3A, Connector: 2.5A
Note 2: Solder terminal/PC board terminal: 1.5A
Note 3: Except for connector style.
Illumination Ratings
Rated Voltage
Operating Voltage
Rated Current
24V AC/DC
24V AC/DC ±10%
15 mA
Note: An LED lamp is built into the contact block and cannot be replaced.
Specifications
Applicable Standards
IEC60947-5-1, EN60947-5-1
IEC60947-5-5 (Note), EN60947-5-5
JIS C8201-5-1, UL508, UL991, NFPA79,
CSA C22.2 No. 14, GB14048.5
Operating
Temperature
Non-illuminated: –25 to +60°C (no freezing)
LED illuminated: –25 to +55°C (no freezing)
Storage Temperature
–45 to +80°C
Operating Humidity
45 to 85% RH (no condensation)
Operating Force
Push to lock: 32N
Pull to reset: 21N
Turn to reset: 0.27 N·m
Minimum Force
Required for Direct
Opening Action
80N
Minimum Operator
Stroke Required for
Direct Opening Action
4.0 mm
Maximum Operator
Stroke
4.5 mm
Contact Resistance
50 m
Ω maximum (initial value)
Connector style: 30 m
Ω (Note)
Insulation Resistance
100 M
Ω minimum (500V DC megger)
Overvoltage Category
II
Impulse Withstand
Voltage
2.5 kV
Pollution Degree
3 (connector style: 2)
Operation Frequency
900 operations/hour
Shock Resistance
Operating extremes: 150 m/s2
Damage limits:
1000 m/s2
Vibration Resistance
Operating extremes: 10 to 500 Hz, amplitude 0.35 mm,
acceleration 50 m/s2
Damage limits:
10 to 500 Hz, amplitude 0.35 mm,
acceleration 50 m/s2
Mechanical Life
250,000 operations minimum
Electrical Life
100,000 operations minimum
250,000 operations minimum (24V AC/DC, 100 mA)
Degree of Protection
Panel front: IP65 (IEC 60529)
Terminal Protection: IP20 (screw terminal, when using
XW9Z-VL2MF)
Short-circuit Protection 250V/10A fuse (Type aM, IEC60269-1/IEC60269-2)
Conditional
Short-circuit Current
1000A
Terminal Style
Solder terminal, PC board terminal,
M3 screw terminal, Connector
Recommended
Tightening Torque for
Locking Ring
2.0 N·m
Connectable Wire
Screw terminal: 0.75 to 1.25 mm2 (AWG18 to 16)
Solder terminal / PC board terminal:
1.25 mm2 maximum (AWG16 maximum)
Connector style: 0.3 to 0.85 mm2 (AWG22 to 18)
Soldering Conditions
310 to 350°C, 3 seconds maximum
Recommended
Tightening Torque for
Terminal Screw
0.6 to 1.0 N·m
Weight
ø40 mm: 72g ø60 mm: 81g
Note: When connecting the applicable connector to a 1m wire of 0.33 mm2
(AWG22).
XW Series Emergency Stop Switches
ø22
XW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com