Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-T8P Datasheet(PDF) 26 Page - IDEC Corporation

Part # LS-T8P
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8P Datasheet(HTML) 26 Page - IDEC Corporation

Back Button LS-T8P Datasheet HTML 22Page - IDEC Corporation LS-T8P Datasheet HTML 23Page - IDEC Corporation LS-T8P Datasheet HTML 24Page - IDEC Corporation LS-T8P Datasheet HTML 25Page - IDEC Corporation LS-T8P Datasheet HTML 26Page - IDEC Corporation LS-T8P Datasheet HTML 27Page - IDEC Corporation LS-T8P Datasheet HTML 28Page - IDEC Corporation LS-T8P Datasheet HTML 29Page - IDEC Corporation LS-T8P Datasheet HTML 30Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
26
Mounting Hole Layout
LED Internal Circuit
Terminal Arrangement (Bottom View)
ø22.3
+0.4
0
X
Y
X1
X2
R
LED
LED chip
Protection Diode
Resistor
X
Y
Screw Terminal
70 mm minimum
Solder/PC Board Terminal
50 mm minimum
Connector Style
50 mm
minimum
70 mm
minimum
• The values shown above are the minimum dimensions
for mounting with other ø22mm pushbuttons. For other
control units of different sizes and styles, determine the
values according to the dimensions, operation, and wiring
convenience.
All dimensions in mm.
TOP
Left
Right
TOP
Left
Right
TOP
Left
Right
*1
*2
*1
*2
*4
*3
*3
*4
*4
*3
*2
*1
TOP
X2
LED
X1
Left
Right
TOP
X2
LED
X1
Left
Right
TOP
X1
LED
X2
Left
Right
*1
*2
*4
*3
*3
*4
*4
*3
*1
*2
*2
*1
LED
TOP
X1 X2
Left
Right
∗1
∗2
LED
TOP
X1 X2
Left
Right
∗3
∗4
• Contact
• Contact Number (1-4)
TOP
(Example: 1NO-3NC contact)
Left
Right
11
12
34
33
1-2: NC main contact
3-4: NO monitor contact
Starting with the contact of TOP side,
in a counterclockwise direction.
NC main contacts only
NC main contacts
Terminals 1-2
With 1NO monitor contacts
NC main contacts:
Terminals 1-2
NO monitor contacts:
Terminals 3-4
With 2NO monitor contacts
NC main contacts:
Terminals 1-2
NO monitor contacts:
Terminals 3-4
1NC: Terminals on right
2NC: Terminals on right
and left
3NC: Terminals on right,
left, and top
1NC: Terminals on top
2NC: Terminals on right and left
NC main contacts only
NC main contacts:
Terminals 1-2
With 1NO monitor contacts
NC main contacts
Terminals 1-2
NO monitor contacts:
Terminals 3-4
With 2NO monitor contacts
NC main contacts:
Terminals 1-2
NO monitor contacts:
Terminals 3-4
1NC: Terminals on right
2NC: Terminals on right
and left
3NC: Terminals on right,
left, and top
1NC: Terminals on top
2NC: Terminals on right and left
NC main contacts only
NC main contacts:
Terminals 1-2
With 1NO monitor contacts
NC main contacts:
Terminals 1-2
NO monitor contacts:
Terminals 3-4
Screw Terminal Non-illuminated
Screw Terminal Illuminated
Screw Terminal Illuminated Push-ON
Terminal Marking Development
• On solder terminal and PC board terminal, the contact block is
marked with contact codes (NC main contact 1-2: black, NO
monitor contact 3-4: blue).
Connector
11 1
22 2
1
A
1
B
2
B
2
A
3
A
3
B
4
B
4
A
Connector
2
2
2
1
1
1
4
A
4
B
3
B
3
A
2
A
2
B
1
B
1
A
LED
X
1
X
2
Connector Style Non-illuminated
Connector Style Push-ON
12
TOP
21
Left
Right
TOP
2
1
3
4
Left
Right
TOP
4
3
3
4
Left
Right
Solder Terminal / PC Board Terminal Non-illuminated
Solder Terminal / PC Board Terminal Illuminated
NC main contacts only
NC main contacts:
Terminals 1-2
With 1NO monitor contacts
NC main contacts:
Terminals 1-2
NO monitor contacts:
Terminals 3-4
With 2NO monitor contacts
NC main contacts:
Terminals 1-2
NO monitor contacts:
Terminals 3-4
1NC: Terminals on right
2NC: Terminals on right
and left
3NC: Terminals on right,
left, and top
1NC: Terminals on top
2NC: Terminals on right
and left
Solder Terminal only
NC main contacts only
NC main contacts:
Terminals 1-2
With 1NO monitor contacts
NC main contacts:
Terminals 1-2
NO monitor contacts:
Terminals 3-4
With 2NO monitor contacts
NC main contacts:
Terminals 1-2
NO monitor contacts:
Terminals 3-4
1NC: Terminals on right
2NC: Terminals on right
and left
3NC: Terminals on right,
left, and top
1NC: Terminals on top
2NC: Terminals on right
and left
Solder Terminal only
Right
Left
43
34
TOP
X1
X2
LED
Right
Left
43
12
TOP
X1
X2
LED
Right
Left
1
2
LED
X2
X1
TOP
2
1
ø22 XW Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com