Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YXH Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # YXH
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXH Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  YXH Datasheet HTML 1Page - RUBYCON CORPORATION YXH Datasheet HTML 2Page - RUBYCON CORPORATION YXH Datasheet HTML 3Page - RUBYCON CORPORATION YXH Datasheet HTML 4Page - RUBYCON CORPORATION YXH Datasheet HTML 5Page - RUBYCON CORPORATION YXH Datasheet HTML 6Page - RUBYCON CORPORATION YXH Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
α
5
0.5
2.0
6.3
2.5
8
3.5
L<
=16 : α=1.5 L>
=20 : α=2.0
10
0.6
5.0
12.5
18
16
0.8
7.5
◆STANDARD SIZE
Rated voltage 6.3V(0J)
150
210
0.58
2.3
330
340
0.22
0.87
680
640
0.13
0.52
1000
840
0.087
0.35
1200
1050
0.069
0.27
820
865
0.080
0.32
1200
1210
0.060
0.24
1500
1400
0.046
0.18
2200
1650
0.042
0.17
2700
1910
0.031
0.12
1800
1450
0.049
0.16
3300
1900
0.035
0.12
3900
2230
0.027
0.089
4700
2650
0.024
0.078
5600
2880
0.020
0.065
6800
3350
0.017
0.056
6800
2930
0.021
0.060
8200
3450
0.017
0.050
10000
3610
0.015
0.044
12000
4080
0.013
0.038
3900
2210
0.043
0.11
6800
2860
0.026
0.067
12000
4170
0.015
0.040
15000
4220
0.014
0.038
18000
4280
0.012
0.032
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
10000
3140
0.019
0.049
18×25
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
2700
1940
0.042
0.12
16×16
5600
2530
0.027
0.078
16×20
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXH
L+αMAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com