Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q41ASIGR Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q41ASIGR
Description  Uniform Sector Dual and Quad Serial Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q41ASIGR Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q41ASIGR Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGR Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGR Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGR Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGR Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGR Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGR Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGR Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q41ASIGR Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25Q21B
39
7.31.
Continuous Read Mode Reset (CRMR) (FFH)
The Dual/Quad I/O Fast Read operations,
“Continuous Read Mode” bits (M7-0) are implemented to further reduce
command overhead. By setting the (M7-0) to AXH, the next Dual/Quad I/O Fast Read operations do not require the
BBH/EBH/E7H command code.
If the system controller is reset during operation it will likely send a standard SPI command, such as Read ID (9FH) or
Fast Read (0BH), to the device. Because the GD25Q21B has no hardware reset pin, so if Continuous Read Mode bits are
set to
“AXH”, the GD25Q21B will not recognize any standard SPI commands. So Continuous Read Mode Reset command
will release the Continuous Read Mode from the
“AXH” state and allow standard SPI command to be recognized. The
command sequence is show below.
Figure 36. Continuous Read Mode Reset Sequence Diagram
7.32.
Program/Erase Suspend (PES) (75H)
The Erase/Program Suspend instruction
“75H”, allows the system to interrupt a sector/block erase or page program
operation and then read data from any other sector or block. The Write Status Register command (01H), Page
Command
0
1
2
3
4
5
6
7
48H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte
0
1
2
3
4
5
6
7
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
FFH
Mode Bit Reset for Quad/Dual I/O
Don`t Care
Don`t Care
Don`t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com