Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLH Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # ZLH
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZLH Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  ZLH Datasheet HTML 1Page - RUBYCON CORPORATION ZLH Datasheet HTML 2Page - RUBYCON CORPORATION ZLH Datasheet HTML 3Page - RUBYCON CORPORATION ZLH Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
α
5
0.5
2.0
6.3
2.5
8
3.5
L≦16 : α=1.5 L≧20 : α=2.0
10
0.6
5.0
12.5
16
0.8
7.5
◆STANDARD SIZE
Rated voltage 6.3V(0J)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
220
345
0.22
0.80
5×11
470
540
0.094
0.35
6.3×11
820
945
0.056
0.19
8×11.5
1200
1250
0.045
0.15
8×16
1500
1500
0.029
0.11
8×20
1200
1330
0.039
0.14
10×12.5
1800
1760
0.028
0.10
10×16
2200
1960
0.020
0.060
10×20
2700
2250
0.018
0.054
10×23
16×20
3900
2480
0.017
0.043
12.5×20
4700
2900
0.015
0.038
12.5×25
5600
3450
0.013
0.033
12.5×30
6800
3250
0.015
0.038
12.5×35
6800
3570
0.012
0.031
8200
3630
0.013
0.035
16×25
20℃, 100kHz
−10℃, 100kHz
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLH
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com