Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFD-AC-R16 Datasheet(PDF) 10 Page - Eaton All Rights Reserved.

Part # MFD-AC-R16
Description  Control Relays and Timers EASY Intelligent Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFD-AC-R16 Datasheet(HTML) 10 Page - Eaton All Rights Reserved.

Back Button MFD-AC-R16 Datasheet HTML 6Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 7Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 8Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 9Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 10Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 11Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 12Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 13Page - Eaton All Rights Reserved. MFD-AC-R16 Datasheet HTML 14Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
V7-T40-28
Volume 7—Motor Controls, Logic and Connectivity
CA08100008E—August 2011
www.eaton.com
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40.3 Control Relays and Timers
EASY Intelligent Relays
MFD Intelligent Relays
Contents
Description
Page
EASY500/700/800 Intelligent Relays . . . . . . . . . . .
V7-T40-20
EASY/MFD Expansion Modules . . . . . . . . . . . . . .
V7-T40-25
MFD Intelligent Relays
Product Selection . . . . . . . . . . . . . . . . . . . . . . .
V7-T40-29
Technical Data and Specifications . . . . . . . . . .
V7-T40-30
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T40-31
EASY/MFD Communication Modules . . . . . . . . . .
V7-T40-33
EASY/MFD Power Supplies, Accessories
and Software . . . . . . . . . . . . . . . . . . . . . . . . . . .
V7-T40-36
MFD Intelligent Relays
Product Description
MFD Intelligent Relays are
comprised of three parts, a
display, a controller, and an
I/O module. Match each
piece to the needs of your
application. If you need to
both monitor and modify
parameters within your
application, choose the MFD-
80-B. The preprogrammed
and user programmable
buttons give you the
capability to make small
changes to the way your
application is running, start
or stop a process, or change
your program completely.
Select a controller with or
without EASY-NET support,
and with AC or DC power.
Finally, add the MFD I/O
module that best suits your
application.
MFD Series—for controlling
small applications that require
graphic visualization and for
large-scale applications with
20 points, expandable to 40
points locally, and expandable
using the EASY-NET network
up to 320 I/O points. The
MFD display can be linked to
the EASY500/700/800
models to provide an
enhanced text based operator
interface. Panel mounted.
The EASY-NET integrated
network provides easy and
inexpensive linking of up to
eight MFD devices over a
distance of up to 1000
meters. Each MFD device
can run its program, or be
used as a distributed input/
output module. Connect up to
eight controllers with up to 40
I/O to obtain 320 I/O.
Standards and Certifications
●
EN 50178
●
IEC/EN 60947
●
UL
●
CSA
●
CSA Class I, Div. 2,
Groups A, B, C, D;
Temp. Code T3C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com