Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4982TL Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4982TL
Description  Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4982TL Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4982TL Datasheet HTML 1Page - National Semiconductor (TI) LM4982TL Datasheet HTML 2Page - National Semiconductor (TI) LM4982TL Datasheet HTML 3Page - National Semiconductor (TI) LM4982TL Datasheet HTML 4Page - National Semiconductor (TI) LM4982TL Datasheet HTML 5Page - National Semiconductor (TI) LM4982TL Datasheet HTML 6Page - National Semiconductor (TI) LM4982TL Datasheet HTML 7Page - National Semiconductor (TI) LM4982TL Datasheet HTML 8Page - National Semiconductor (TI) LM4982TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Audio Amplifier Electrical Characteristics V
DD =3V (Notes 1, 2) (Continued)
The following specifications apply for V
DD = 3V, RL =16
Ω,A
V = 0dB, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4982
Units
(Limits)
Typical
(Note 6)
Limits (Notes 7,
8)
R
INT
Intellisense Threshold
Resistance
6
3
9
Ω (min)
Ω (max)
Control Interface Electrical Characteristics (Notes 1, 2)
The following specifications apply for 1.6V < V
DD < 4.0V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4982
Units
(Limits)
Typical
(Note 6)
Limits (Notes 7,
8)
t
1
SCL period
2.5
µs (min)
t
2
SDA Setup Time
100
ns (min)
t
3
SDA Stable Time
0
ns (min)
t
4
Start Condition Time
100
ns (min)
t
5
Stop Condition Time
100
ns (min)
V
IH
0.7xI
2CV
DD
V (min)
V
IL
0.3xI
2CV
DD
V (max)
Note 1: All voltages are measured with respect to the GND pin unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX -TA)/ θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4982, see power
derating currents for more information.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF - 240pF discharged through all pins.
Note 6: Typicals are measured at +25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com