Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL212AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL212AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL212AT Datasheet(HTML) 3 Page - Vishay Siliconix

  IL212AT Datasheet HTML 1Page - Vishay Siliconix IL212AT Datasheet HTML 2Page - Vishay Siliconix IL212AT Datasheet HTML 3Page - Vishay Siliconix IL212AT Datasheet HTML 4Page - Vishay Siliconix IL212AT Datasheet HTML 5Page - Vishay Siliconix IL212AT Datasheet HTML 6Page - Vishay Siliconix IL212AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL211AT, IL212AT, IL213AT
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Dec-10
3
Document Number: 83615
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for “Safe Electrical Insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Collector Current vs. Collector Emitter Voltage
(non-saturated)
Fig. 3 - Leakage Current vs. Ambient Temperature
Fig. 4 - Collector Current vs. Collector Emitter Voltage
(saturated)
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
According to IEC 68 part 1
-
55 / 100 / 21
-
Comparative tracking index
CTI
175
-
399
VIOTM
6000
-
-
V
VIORM
560
-
-
V
PSO
-
-
350
mW
ISI
-
-
150
mA
TSI
-
-
165
°C
Creepage distance
4
-
-
mm
Clearance distance
4
-
-
mm
Insulation thickness
0.2
-
-
mm
IF - Forward Current (mA)
22462
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1
10
100
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 100 °C
T
amb = - 40 °C
T
amb = - 55 °C
22463
VCE - Collector Emitter Voltage (NS) (V)
012345678
0
5
10
15
20
25
30
35
40
45
50
I
F = 30 mA
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 5 mA
22466
Tamb - Ambient Temperature (°C)
0.001
0.01
0.1
1
10
100
1000
10 000
- 60 - 40 - 20
0
20
40
60
80
100
I
F = 0 mA
V
CE = 40 V
V
CE = 12 V
V
CE = 24 V
22464
VCE - Collector Emitter Voltage (sat) (V)
0
0.1
0.2
0.3
0.4
0
5
10
15
20
25
30
I
F = 25 mA
I
F = 10 mA
I
F = 5 mA
I
F = 2 mA
I
F = 1 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com