Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP Datasheet(PDF) 1 Page - STATS ChipPAC, Ltd.

Part # LQFP
Description  Low Profile Quad Flat Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

LQFP Datasheet(HTML) 1 Page - STATS ChipPAC, Ltd.

  LQFP Datasheet HTML 1Page - STATS ChipPAC, Ltd. LQFP Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.statschippac.com
FEATURES
• Body Sizes: 7 x 7mm to 28 x 28mm
• Package Height: 1.4mm
• Lead Counts: 32L to 208L
• Lead Pitch: 0.80mm to 0.40mm
• Wide range of open tool leadframe and die pad sizes
available
• Moisture Sensitivity: JEDEC Level 3
• JEDEC standard compliant
• Lead-free and Green materials sets available
• Copper and alloy leadframes available
APPLICATIONS
• 3D Graphics
• Multimedia
• PC Chipsets
• Video / Audio
• Telecom
• Disc Drives
• Communication Boards (Ethernet, ISDN)
• 7 x 7mm to 28 x 28mm body sizes
• 32 to 208 lead counts
• Lead pitch range from 0.80mm to
0.40mm
DESCRIPTION
STATS ChipPAC’s LQFP is a low profile (1.4mm) version of
the QFP. The LQFP is a leadframe based, plastic encapsulated
package with gull wing shaped leads on four sides. The
LQFP offers pin counts up to 208, and is suitable for designs
with high I/Os while meeting low profile requirements and
for mainstream cost sensitive applications.
LQFP
Low Profile Quad Flat Pack


Similar Part No. - LQFP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
LQFP AMKOR-LQFP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
List of Unclassifed Man...
LQFP-44 ETC-LQFP-44 Datasheet
42Kb / 1P
TQFP-44/LQFP-44/PQFP-44/VQFP-44 Stencil (0.8 mm pitch, 10 x 10 mm body)
logo
Analog Microelectronics
LQFP-48 AME-LQFP-48 Datasheet
64Kb / 1P
A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45
logo
List of Unclassifed Man...
LQFP-64 ETC-LQFP-64 Datasheet
42Kb / 1P
TQFP-64/ LQFP-64/ VQFP-64 Stencil (0.5 mm pitch, 10 x 10 mm body
More results

Similar Description - LQFP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FPT-64P-M09 FUJITSU-FPT-64P-M09 Datasheet
58Kb / 1P
LOW PROFILE QUAD FLAT PACKAGE 64 PIN PLASTIC
logo
NXP Semiconductors
SOT389-1 PHILIPS-SOT389-1 Datasheet
14Kb / 1P
Plastic Low Profile Quad flat Package
2002 Jun 07
logo
STATS ChipPAC, Ltd.
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
MQFP-D STATSCHIP-MQFP-D Datasheet
95Kb / 2P
Heat Spreader Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
logo
TE Connectivity Ltd
V23030 TEC-V23030 Datasheet
7Mb / 4P
Low profile, therefore particularly suited for flat pack components grouping
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com