Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C96 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN91C96
Description  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96 Datasheet(HTML) 1 Page - SMSC Corporation

  LAN91C96 Datasheet HTML 1Page - SMSC Corporation LAN91C96 Datasheet HTML 2Page - SMSC Corporation LAN91C96 Datasheet HTML 3Page - SMSC Corporation LAN91C96 Datasheet HTML 4Page - SMSC Corporation LAN91C96 Datasheet HTML 5Page - SMSC Corporation LAN91C96 Datasheet HTML 6Page - SMSC Corporation LAN91C96 Datasheet HTML 7Page - SMSC Corporation LAN91C96 Datasheet HTML 8Page - SMSC Corporation LAN91C96 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
SMSC LAN91C965v&3v
Page 1
Rev. 09/10/2004
DATASHEET
LAN91C96
Non-PCI Single-Chip
Full Duplex Ethernet
Controller with Magic
Packet
Datasheet
Product Features
Non-PCI Single-Chip Ethernet Controller
A Subset of Motorola 68000 Bus Interface
Support
Fully Supports Full Duplex Switched Ethernet
Supports Enhanced Transmit Queue
Management
6K Bytes of On-Chip RAM
Supports IEEE 802.3 (ANSI 8802-3) Ethernet
Standards
Automatic Detection of TX/RX Polarity Reversal
Enhanced Power Management Features
Supports “Magic Packet” Power Management
Technology
Simultasking Early Transmit and Early Receive
Functions
Enhanced Early Transmit Function
Receive Counter for Enhanced Early Receive
Hardware Memory Management Unit
Optional Configuration via Serial EEPROM
Interface (Jumperless)
Supports single +5V or +3.3V (for Revisions E
and Later) VCC Designs
Supports Mixed Voltage External PHY Designs
1
Low Power CMOS Design
100 Pin QFP and TQFP (1.0 mm body
Thickness) Packages
Pin Compatible with the LAN91C92 and
LAN91C94
Bus Interface
Direct Interface to Local Bus, PCMCIA, and
68000 Buses with No Wait States
Flexible Bus Interface
16 Bit Data and Control Paths
Fast Access Time
1 Refer to Description of Pin Functions on Page 16 for
5V tolerant pins
Pipelined Data Path
Handles Block Word Transfers for any
Alignment
High Performance Chained ("Back-to-Back")
Transmit and Receive
Pin Compatible with the LAN91C92 (in Local
Bus Mode) and the LAN91C94 in Both Local
Bus and PCMCIA Modes
Dynamic Memory Allocation Between Transmit
and Receive
Flat Memory Structure for Low CPU Overhead
Buffered Architecture, Insensitive to Bus
Latencies (No Overruns/Underruns)
Supports Boot PROM for Diskless Local Bus
Applications
Network Interface
Integrated 10BASE-T Transceiver Functions:
-
Driver and Receiver
-
Link Integrity Test
-
Receive Polarity Detection and Correction
Integrated AUI Interface
10 Mb/s Manchester Encoding/Decoding and
Clock Recovery
Automatic Retransmission, Bad Packet
Rejection, and Transmit Padding
External and Internal Loopback Modes
Four Direct Driven LEDs for Status/ Diagnostics
Software Drivers
LAN9000 Drivers for Major Network Operating
Systems Utilizing Local Bus or PCMCIA
Interface
Software Drivers Compatible with the
LAN91C92, LAN91C94, LAN91C100FD (100
Mb/s), and LAN91C110 (100 Mb/s) Controllers
in Local Bus Mode
Software Drivers Utilize Full Capability of 32 Bit
Microprocessor


Similar Part No. - LAN91C96

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C96 SMSC-LAN91C96 Datasheet
631Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
logo
Pulse A Technitrol Comp...
LAN91C96 PULSE-LAN91C96 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
SMSC Corporation
LAN91C96-MS SMSC-LAN91C96-MS Datasheet
631Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96-MU SMSC-LAN91C96-MU Datasheet
631Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
More results

Similar Description - LAN91C96

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
logo
List of Unclassifed Man...
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
LAN91C96 SMSC-LAN91C96_07 Datasheet
631Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841_11 Datasheet
654Kb / 105P
Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16 MICREL-KSZ8841-16_08 Datasheet
654Kb / 105P
Single-Port Ethernet MAC Controller with Non-PCI Interface
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com