Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFP Datasheet(PDF) 1 Page - STATS ChipPAC, Ltd.

Part # MQFP
Description  Metric Quad Flat Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

MQFP Datasheet(HTML) 1 Page - STATS ChipPAC, Ltd.

  MQFP Datasheet HTML 1Page - STATS ChipPAC, Ltd. MQFP Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.statschippac.com
FEATURES
• Body Sizes: 10 x 10mm to 32 x 32mm
• Package Height: 2.0 mm to 3.4mm
• Lead Counts: 44L to 240L
• Lead Pitch: 0.80mm to 0.50mm
• Wide range of open tool leadframe and die pad
sizes available
• Moisture Sensitivity: JEDEC Level 3
• JEDEC standard compliant
• Lead-free and Green material sets available
• Copper and alloy leadframes available
APPLICATIONS
• ASIC
• DSP
• Gate Array
• Logic / Microprocessors / Controllers
• Multimedia, PC Chipsets, Others
• 10 x 10mm to 32 x 32mm body
sizes
• 44 to 240 lead counts
• Lead pitch range from 0.80mm
to 0.50mm
DESCRIPTION
STATS ChipPAC’s Metric Quad Flat Pack (MQFP) is a
leadframe based, plastic encapsulated package with gull
wing shaped leads on four sides. The MQFP is targeted at
cost sensitive applications while providing a high degree
of thermal and electrical performance. Offered in a wide
range of body sizes and pin counts, the MQFP provides
designers with the flexibility and convenience of meeting
their packaging needs for a large variety of device designs.
MQFP
Metric Quad Flat Pack


Similar Part No. - MQFP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MQFP INTERSIL-MQFP Datasheet
17Kb / 1P
Metric Plastic Quad Flatpack Packages
logo
Amkor Technology
MQFP AMKOR-MQFP Datasheet
389Kb / 2P
Amkor?셲 MQFP IC package portfolio provides
MQFP AMKOR-MQFP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
STATS ChipPAC, Ltd.
MQFP-D STATSCHIP-MQFP-D Datasheet
95Kb / 2P
Heat Spreader Metric Quad Flat Pack
MQFP-ED STATSCHIP-MQFP-ED Datasheet
99Kb / 2P
Exposed Drop-in Heat Slug Metric Quad Flat Pack
More results

Similar Description - MQFP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
MQFP-D STATSCHIP-MQFP-D Datasheet
95Kb / 2P
Heat Spreader Metric Quad Flat Pack
MQFP-ED STATSCHIP-MQFP-ED Datasheet
99Kb / 2P
Exposed Drop-in Heat Slug Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
logo
TRIAD MAGNETICS
FP56-45 TRIAD-FP56-45_13 Datasheet
53Kb / 1P
PC Mount: Flat Pack
logo
TT Electronics.
8900 TTELEC-8900_17 Datasheet
568Kb / 4P
Flat Pack Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com