Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFP-D Datasheet(PDF) 1 Page - STATS ChipPAC, Ltd.

Part # MQFP-D
Description  Heat Spreader Metric Quad Flat Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.

MQFP-D Datasheet(HTML) 1 Page - STATS ChipPAC, Ltd.

  MQFP-D Datasheet HTML 1Page - STATS ChipPAC, Ltd. MQFP-D Datasheet HTML 2Page - STATS ChipPAC, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.statschippac.com
FEATURES
• Body Sizes: 14 x 14mm to 32 x 32mm
• Package Height: 2.0mm to 3.4mm (same as QFP)
• Lead Counts: 64L to 240L
• Lead Pitch: 0.80mm to 0.50mm
• Moisture Sensitivity: JEDEC Level 3
• Wide range of open tool leadframe and die pad sizes
available
• JEDEC standard compliant
• Lead-free and Green material sets available
APPLICATIONS
• ASIC
• DSP
• FPGA
•PLD
• High speed logic, high power microprocessors /
controllers
• 3D graphics, telecom, wireless, audio, CPU / GUI
•
•
•
•
• 14 x 14mm to 32 x 32mm
•
•
•
•
• 64 to 240 lead count
•
•
•
•
• Lead pitch range from 0.80mm
to 0.50mm
DESCRIPTION
STATS ChipPAC’s Heat Spreader Metric Quad Flat Pack
(MQFP-d) is a thermally enhanced version of the QFP
package. Thermal enhancement is achieved by an embedded
anodized aluminum heat spreader which is dropped in
during the mold process. This process allows the use of
standard leadframe while offering an added margin of
thermal performance for high power applications. The
QFP-d package offers 30% improvement (typical) in thermal
performance over standard MQFP packages.
MQFP-d
Heat Spreader Metric Quad Flat Pack


Similar Part No. - MQFP-D

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
MQFP-ED STATSCHIP-MQFP-ED Datasheet
99Kb / 2P
Exposed Drop-in Heat Slug Metric Quad Flat Pack
More results

Similar Description - MQFP-D

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
MQFP-ED STATSCHIP-MQFP-ED Datasheet
99Kb / 2P
Exposed Drop-in Heat Slug Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
logo
List of Unclassifed Man...
XL-25 ETC2-XL-25 Datasheet
1Mb / 1P
Ceramic Heat Spreader
logo
T-Global Technology
XL-25 TGLOBAL-XL-25 Datasheet
347Kb / 1P
Ceramic Heat Spreader
20230721
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com