Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

262G2-LPBK Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 262G2-LPBK
Description  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

262G2-LPBK Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  262G2-LPBK Datasheet HTML 1Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 2Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 3Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 4Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 5Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 6Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 7Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 8Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
- 31 -
All Data Subject To Change Without Notice
www.andersonpower.com
Open Barrel Contact
A
B
[ 16.26 ]
0.64
[ 3.81 ]
0.15
[ 7.35 ]
0.29
[ 17.27 ]
0.68
[ 3.81 ]
0.15
[ 6.35 ]
0.25
A
Closed Barrel Contact
[ 3.1 ]
0.12
A
Housing end
[ 19.1 ]
0.75
[ 6.4 ]
0.25
[ 3.6 ]
0.14
[ 6.1 ]
0.24
[ 6.1 ]
0.24
Open Barrel Premate Contact
PP15/45 Tin Plated Power Contacts
Offer cost effective performance up to 1,500 mating cycles. See specifications and temperature
charts for amperage ratings by wire size.
Dimensions
Mating
Loose Piece
Reeled
- A -
Barrel AWG
mm²
Force
Part Numbers
inches
mm
Minimum Quantity
200
5,000
Open 14 to 10 K * 2.1 to 5.3
High
269G3-LPBK
269G3
0.21
5.33
Open 14 to 10 K * 2.1 to 5.3
Low
261G2-LPBK
261G2
0.20
5.08
Open 14 to 10 SF * 2.1 to 6.0
High
201G1H-LPBK 201G1H 0.24
6.10
Open 14 to 10 SF * 2.1 to 6.0
Low
200G1L-LPBK 200G1L
0.24
6.10
Open 16 to 12
1.3 to 3.3
High
269G1-LPBK
269G1
0.18
4.57
Open 16 to 12
1.3 to 3.3
Low
261G1-LPBK
261G1
0.18
4.57
Open 20 to 16
0.52 to 1.3 High
269G2-LPBK
269G2
0.16
4.06
Open 20 to 16
0.52 to 1.3 Low
262G1-LPBK
262G1
0.16
4.06
K * - For #10 AWG class K stranded wire or smaller. For larger wires use superflex contacts.
SF*- Indicates wires with high stranding such as Super Flex.
PP15/45 Silver Plated Power Contacts
Maximize performance by offering up to 10,000 mating cycles and are recommended for circuit interrupt or
hot plug applications. See specifications and temperature charts for amperage ratings by wire size. Only closed
barrel contacts are suitable for soldering.
Dimensions
Mating
Loose Piece
Reeled
- A -
- B -
Barrel
AWG
mm²
Force
Part Numbers
Part Numbers inches mm
inches mm
Minimum Quantity
5,000
200
5,000
.
Open
14 to 10 K * 2.1 to 5.3
Low
-
261G3-LPBK
261G3
0.20
5.08
-
-
Open
14 to 10 SF * 2.1 to 6.0
Low
-
200G3L-LPBK
200G3L
0.24
6.10
-
-
Open
20 to 16
0.52 to 1.3 Low
-
262G2-LPBK
262G2
0.16
4.06
-
-
Closed
16 to 12
1.3 to 3.3
Low
1331-BK 1331
-
0.15
3.81
0.10
2.54
Closed
20 to 16
0.52 to 1.3 Low
1332-BK 1332
-
0.12
3.05
0.07
1.78
K * - For #10 AWG class K stranded wire or smaller. For larger wires use superflex contacts.
SF*- Indicates wires with high stranding such as Super Flex.
45A Premate Ground Wire Contacts - for use with ground housing only
Tin or silver plated contacts are rated for ground or power. Hand tools are available for loose piece
contacts. Reeled contacts can be used with high volume press and applicator tooling. Tin contacts
are rated for up to 1,500 mating cycles. Silver contacts are rated up to 10,000 mating cycles.
Reeled
Mating
Loose Piece
Part
Type
AWG
mm²
Force
Part Numbers
Numbers
Minimum Quantity
200
2,500
Open, Tin
14 to 10
2.1 to 6.0
Low
1830G1-LPBK
1830G1
Open, Silver 14 to 10
2.1 to 6.0
Low
1830G2-LPBK
1830G2
25A Right Angle PCB Contacts Tin Plated
Suitable for right angle applications up to 25A per pole. Tin plating enhances solderability.
Cannot be mixed with 45A PCB contacts. For mating with wire contacts only.
Dimensions
Mating
Loose Piece
- A -
- B -
Row
Force
Part Numbers
inches mm
inches mm
Minimum Quantity 1,000
100
Top
Low
1377G1-BK
1377G1
0.58
14.80 1.52
38.60
High
1317G1-BK
1317G1
Bottom
Low
1377G2-BK
1377G2
0.29
7.20
1.36
34.50
High
1317G2-BK
1317G2
Top
Low
1377G11-BK 1377G11 0.58
14.80 1.21
30.70
High
1317G11-BK 1317G11
Bottom
Low
1377G12-BK 1377G12 0.29
7.20
1.01
25.70
High
1317G12-BK 1317G12
25A Vertical PCB Contacts Tin Plated
For mating with wire contacts only. Suitable for vertical applications up to 25A per pole,
tin plating enhances solderability.
Dimensions
Mating
Loose Piece
- A -
Force
Part Numbers
inches mm
Minimum Quantity 1,000
100
Low
1377G3-BK 1377G3
2.22
56.40
High
1317G3-BK 1317G3
2.22
56.40
Low
1377G4-BK 1377G4
1.76
44.70
High
1317G4-BK 1317G4
1.76
44.70
Low
1377G13-BK 1377G13 1.17
29.70
High
1317G13-BK 1317G13 1.17
29.70
[ 9.9 ]
0.39
A
B
• Use mounting staples with right angle contacts (see accessories).
• See website for PCB layout drawing.
Open Barrel Contact
[ 17.2 ]
0.68
[ 3.6 ]
0.14
[ 6.4 ]
0.25
A
[ 3.6 ]
0.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com