Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWPLLRA1.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWPLLRA1.EM
Description  OSCONIQ® C 2424
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPLLRA1.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWPLLRA1.EM Datasheet HTML 1Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 2Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 3Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 4Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 5Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 6Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 7Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 8Page - OSRAM GmbH GWPLLRA1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
GW PLLRA1.EM
1 Version 1.6 | 2021-11-24
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GW PLLRA1.EM
OSCONIQ® C 2424
High-power LED with Chip-Scale-Package (CSP)
footprint, excellent efficiency and color homogeneity,
superior reliability and lifetime.
—
—
Architecture
—
—
Downlights/Spotlights
—
—
Highbay Industrial
—
—
Highbay Retail
—
—
Horticulture Lighting
—
—
Human Centric Lighting
—
—
Mood Lighting
—
—
Stage Lighting (LED & Laser)
—
—
Street, Tunnel and Outdoor
Features:
—
—
Typ. Radiation: 120° (Lambertian emitter)
—
—
Color temperature: 2200K - 5700K
—
—
CRI: 80 (min.), 83 (typ.), R9: 0 (min.)
—
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
—
—
Luminous Flux: typ. 267 lm @ 3000 K, 85 °C
—
—
Luminous efficacy: typ. 136 lm/W @ 3000 K, 85 °C


Similar Part No. - GWPLLRA1.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPLTRA1.EM OSRAM-GWPLTRA1.EM Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
GWPLTRA1.EM-NAQB-XX58-1 OSRAM-GWPLTRA1.EM-NAQB-XX58-1 Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
GWPLTRA1.EM-NBQB-XX52-1 OSRAM-GWPLTRA1.EM-NBQB-XX52-1 Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
GWPLTRA1.EM-NBQB-XX53-1 OSRAM-GWPLTRA1.EM-NBQB-XX53-1 Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
GWPLTRA1.EM-NBQB-XX57-1 OSRAM-GWPLTRA1.EM-NBQB-XX57-1 Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
More results

Similar Description - GWPLLRA1.EM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2213407 TEC-C-2213407 Datasheet
558Kb / 3P
LUMAWISE LED HOLDER Z50 2424
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
logo
Lapp.
0026701 LAPP-0026701 Datasheet
71Kb / 2P
OLFLEX® ROBUSR FD C
20.07.2018
44420211 LAPP-44420211 Datasheet
349Kb / 4P
EPIC® POWERLOCK F6 C
21.10.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com