Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO2036DBB-7 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # DPO2036DBB-7
Description  4-CH OVER-VOLTAGE PROTECTION FOR CC/SBU PINS ON USB TYPE-C
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPO2036DBB-7 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button DPO2036DBB-7 Datasheet HTML 6Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 7Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 8Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 9Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 10Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 11Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 12Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 13Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DPO2036
Document number: DS40644 Rev. 2 - 2
13 of 14
www.diodes.com
July 2020
© Diodes Incorporated
DPO2036
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-QFN2020-12 (Type B)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-QFN2020-12 (Type B)
Mechanical Data
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu Finish, Solderable per MIL-STD-202, Method 208
Weight: 0.007 grams (Approximate)
a) Actual shape depending upon manufacturing technology used.
D
E
D2
E2
Pin#1 ID
b
e
L
A
A1 A3
Seating Plane
k(12x)
12x(a)
1
12
0.190(REF)
X1
X3
Y
X
Y1
C
Y2
1
12
Y3
X2
U-QFN2020-12
(Type B)
Dim
Min
Max
Typ
A
0.55
0.65
0.60
A1
0.00
0.05
0.02
A3
--
--
0.13
b
0.20
0.30
0.25
D
1.95
2.05
2.00
D2
0.90
1.10
1.00
E
1.95
2.05
2.00
E2
0.90
1.10
1.00
e
0.45 BSC
k
--
--
0.25
L
0.20
0.30
0.25
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.450
X
0.450
X1
1.000
X2
0.750
X3
2.300
Y
0.300
Y1
1.000
Y2
1.650
Y3
2.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com