Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3VDP12412 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3VDP12412
Description  4-Lane DisplayPort™ Rev 1.2 Compliant Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3VDP12412 Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3VDP12412 Datasheet HTML 1Page - Diodes Incorporated PI3VDP12412 Datasheet HTML 2Page - Diodes Incorporated PI3VDP12412 Datasheet HTML 3Page - Diodes Incorporated PI3VDP12412 Datasheet HTML 4Page - Diodes Incorporated PI3VDP12412 Datasheet HTML 5Page - Diodes Incorporated PI3VDP12412 Datasheet HTML 6Page - Diodes Incorporated PI3VDP12412 Datasheet HTML 7Page - Diodes Incorporated PI3VDP12412 Datasheet HTML 8Page - Diodes Incorporated PI3VDP12412 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PI3VDP12412
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
DC Electrical Characteristics for Switching over Operating Range (T
A = –40°C to +105°C, VDD =
3.3V ±10%)
Parameter Description
Test Conditions(1)
Min
Typ(2)
Max
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
1.5
V
VIL
Input LOW Voltage
Guaranteed LOW level
0.75
VIK
Clamp Diode Voltage (HS Channel)
VDD = Max., IIN = –18mA
–1.6V
–1.8
VIK
Clamp Diode Voltage (Aux, Cntrl )
VDD = Max., IIN = –18mA
–0.7
–1.5
IIH
Input HIGH Current
VDD = Max., VIN = VDD
±5
µA
IIL
Input LOW Current
VDD = Max., VIN = GND
±5
IOFF_SB
I/O leakage when part is off for side-
band signals only (DDC, AUX, HPD) VDD = 0V, VINPUT = 0V to 3.6V
20
RON_HS
On resistance between input to out-
put for high speed signals
VDD = 3.0V, Vinput = -0.35V to 2V,
IINPUT = 20mA
10.0
Ohm
RON_AUX
On resistance between input to out-
put for side-band signals (AUX)
VDD = 3.0V, Vinput = 0 to 3.3V,
IINPUT = 20mA
7
Ohm
RON_DDC
On resistance between input to out-
put for DDC channel
VDD = 3.0V, Vinput = 0V,
IINPUT = 20mA
10
Ohm
Aux_ss
Signal Swing Tolerance in Aux path
VDD = 3.0V
–0.5
3.6
V
HPD_I
Input voltage on HPD path
5.5
V
HPD_O
Output voltage tolerance on HPD
path
HPD input from 3.3V to 5.25V
3.3
3.6
V
Storage Temperature ..........................................................–65°C to +150°C
Supply Voltage to Ground Potential ....................................–0.5V to +4.2V
DC Input Voltage ......................................................................–0.5V to VDD
DC Output Current .............................................................................120mA
Power Dissipation ................................................................................... 0.5W
Note: Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Power Supply Characteristics (T
A = –40°C to +105°C)
Parameter
Description
Test Conditions(1)
Min
Typ(2) Max
Units
IDD
Power Supply Current
VDD = 3.3V, OE = 3.3V,
VIN = GND or VDD
0.4
1
mA
IDDQ
Quiescent Power Supply Current
VDD = 3.3V, OE = GND
1
µA
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
12-0293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com