Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH601 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH601
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH601 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH601 Datasheet HTML 1Page - Vishay Siliconix SFH601 Datasheet HTML 2Page - Vishay Siliconix SFH601 Datasheet HTML 3Page - Vishay Siliconix SFH601 Datasheet HTML 4Page - Vishay Siliconix SFH601 Datasheet HTML 5Page - Vishay Siliconix SFH601 Datasheet HTML 6Page - Vishay Siliconix SFH601 Datasheet HTML 7Page - Vishay Siliconix SFH601 Datasheet HTML 8Page - Vishay Siliconix SFH601 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SFH601
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 18-Jun-2019
4
Document Number: 83663
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Collector Current vs. Collector Emitter Voltage
(non-saturated)
Fig. 7 - Collector Current vs. Collector Emitter Voltage
(saturated)
Fig. 8 - Leakage Current vs. Ambient Temperature
Fig. 9 - Normalized CTR vs. Ambient Temperature
(non-saturated)
Fig. 10 - Normalized CTR vs. Ambient Temperature
(saturated)
10
100
1000
10000
0.1
1
10
0.6
1.1
1.6
Axis Title
V
F - Forward Voltage (V)
T
amb = 100 °C
T
amb = 75 °C
T
amb = 25 °C
T
amb = 0 °C
T
amb = -55 °C
10
100
1000
10000
0
5
10
15
20
25
012345
Axis Title
V
CE - Collector Emitter Voltage (V)
I
F = 10 mA
I
F = 20 mA
I
F = 5 mA
I
F = 2 mA
I
F = 1 mA
10
100
1000
10000
0
5
10
15
0
0.1
0.2
0.3
0.4
Axis Title
V
CE - Collector Emitter Voltage (V)
I
F = 5 mA
I
F = 20 mA
I
F = 1 mA
I
F = 10 mA
I
F = 2 mA
10
100
1000
10000
0.01
0.1
1
10
100
1000
10 000
25
45
65
85
Axis Title
T
amb - Ambient Temperature (°C)
I
F = 0 mA
V
CE = 30 V
V
CE = 20 V
V
CE = 10 V
V
CE = 40 V
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1.0
1.2
-55
-35
-15
5
25
45
65
85
Axis Title
T
amb - Ambient Temperature (°C)
I
F = 10 mA, VCE = 5 V
Normalized to I
F = 10 mA,
V
CE = 5 V, Tamb = 25 °C
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1.0
-55
-35
-15
5
25
45
65
85
Axis Title
T
amb - Ambient Temperature (°C)
I
F = 10 mA,
V
CE = 0.4 V
Normalized to I
F = 10 mA,
V
CE = 5 V, Tamb = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com