Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5141BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5141BCCZN-R7
Description  Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5141BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5141BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
ADRF5141
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
High-power transmit and receive switch with an integrated power
limiter on receive path
Frequency range: 6 GHz to 12 GHz
Reflective 50 Ω design
Low insertion loss
TX to ANT: 0.9 dB at 8 GHz to 11 GHz
ANT to RX: 1.4 dB at 8 GHz to 11 GHz
High isolation: 55 dB typical for TX to RX when TX selected
High-power handling (TCASE = 50°C)
Input at TX: pulsed 40 dBm, >100 ns pulse width at 15% duty
cycle
Input at ANT: pulsed 40 dBm, >100 ns pulse width at 15%
duty cycle
RX flat leakage: 17 dBm
High linearity
Input P0.1dB at TX arm: 41 dBm
Fast switching time: 50 ns
Fast response and recovery time: <10 ns
Dual-supply, with no low-frequency spurious
Positive control interface: CMOS-/LVTTL-compatible
20-lead, 3 mm × 3 mm LGA package
Pin compatible with the ADRF5144
APPLICATIONS
X-band communications and radars
Electronic warfare
Satellite communications
GaN and PIN diode replacement
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5141 is a reflective, SPDT switch manufactured in the
silicon process. The ADRF5141 is used in transmit and receive
applications with an integrated power limiter on the receive path.
The ADRF5141 operates from 6 GHz to 12 GHz. The RX arm with
the integrated power limiter has a flat leakage of 17 dBm with a low
insertion loss of 1.4 dB at 8 GHz to 11 GHz. The TX arm has an
insertion loss of 0.9 dB at 8 GHz to 11 GHz.
The ADRF5141 draws a low current of 13 μA on the positive supply
of +3.3 V and 360 μA on the negative supply of −3.3 V. The device
employs complementary metal-oxide semiconductor (CMOS)-/low
voltage transistor to transistor logic (LVTTL)-compatible controls.
The ADRF5141 requires no additional driver circuitry, making it
an ideal alternative to gallium nitride (GaN) and PIN diode-based
switches.
The ADRF5141 comes in a 20-lead, 3.0 mm × 3.0 mm, RoHS-com-
pliant, land grid array (LGA) package and can operate from −40°C
to +105°C.


Similar Part No. - ADRF5141BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5142 AD-ADRF5142 Datasheet
475Kb / 10P
High Power, 40 W Peak, Silicon SPDT, Reflective Switch, 8 GHz to 11 GHz
Rev. 0
ADRF5142-EVALZ AD-ADRF5142-EVALZ Datasheet
475Kb / 10P
High Power, 40 W Peak, Silicon SPDT, Reflective Switch, 8 GHz to 11 GHz
Rev. 0
ADRF5142BCCZN AD-ADRF5142BCCZN Datasheet
475Kb / 10P
High Power, 40 W Peak, Silicon SPDT, Reflective Switch, 8 GHz to 11 GHz
Rev. 0
ADRF5142BCCZN-R7 AD-ADRF5142BCCZN-R7 Datasheet
475Kb / 10P
High Power, 40 W Peak, Silicon SPDT, Reflective Switch, 8 GHz to 11 GHz
Rev. 0
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
More results

Similar Description - ADRF5141BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Eudyna Devices Inc
ESM5328ZW EUDYNA-ESM5328ZW Datasheet
35Kb / 3P
Single Pole Double Throw Switch 0.1 - 6 GHz Wireless LAN Transmit / Receive Applications
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_06 Datasheet
264Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT RECEIVE SWITCH, DC - 2.0 GHz
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226 HITTITE-HMC226_10 Datasheet
180Kb / 4P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
logo
Skyworks Solutions Inc.
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13525-646LF SKYWORKS-SKY13525-646LF Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
logo
Analog Devices
ADMV4828 AD-ADMV4828 Datasheet
95Kb / 3P
24.0 GHz to 29.5 GHz Transmit/Receive Dual Polarization Beamformer
ADMV4928 AD-ADMV4928 Datasheet
500Kb / 3P
37.0 GHz to 43.5 GHz Transmit/Receive Dual Polarization Beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com