Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMCF Datasheet(PDF) 13 Page - Stackpole Electronics, Inc.

Part # RMCF
Description  General Purpose Thick Film Standard Power and High-Power Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCF Datasheet(HTML) 13 Page - Stackpole Electronics, Inc.

Back Button RMCF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 9Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 10Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 11Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 12Page - Stackpole Electronics, Inc. RMCF Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Rev Date: 7/22/2022
13
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCF / RMCP Series
General Purpose Thick Film Standard Power
and High-Power Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order - RMCF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R
M
C
F
0
6
0
3
J
T
4
K
7
0
How to Order - RMCP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R
M
C
P
0
6
0
3
J
T
4
K
7
0
Resistance Value
Code
Description
Size
W
Code
Tol
Value
Code
Description
Size
Quantity
01005
0.03
F
1%
E96, E24
01005
10000
0201
0.05
J
5%
E24
0201, 0402
10000
0402
0.063
Z
0603, 0805, 1206
5000
0.1 ohm = R100
0603
0.1
1210
4000
4.70 ohm = 4R70
0805
0.125
10.0 Kohm = 10K0
1206
0.25
1 Mohm = 1M00
1210
0.5
Zero ohm jumper = 0R00
2010
0.75
2512
1
Jumper
7" Reel - Paper
Tape
Size
7" Reel -
Plastic Tape
2010, 2512
T
Tolerance
Thick Film
Chip
Product Series
Packaging
RMCF
G
10" Reel -
Paper Tape
0603, 0805, 1206
10000
Four characters with the
multiplier used as the
decimal holder.
4000
Resistance Value
Code
Description
Size
W
Code
Tol
Value
Code
Description
Size
Quantity
RMCP High Power
0201
0.063
F
1%
E96, E24
0201, 0402
10000
0402
0.125
J
5%
E24
0603
0.25
Z
1 ohm = 1R00
0805
0.33
2010, 2512
4000
10 Kohm = 10K0
1206
0.5
1 Mohm = 1M00
1210
0.66
2010
1
2512
2
Four characters with the
multiplier used as the
decimal holder.
G
10" Reel
Paper Tape
Product Series
Tolerance
Packaging
0603, 0805
1206
Jumper
Size
10000
5000
0603, 0805
1206, 1210
T
7" Reel
Paper Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com