Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ32-X009T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILQ32-X009T
Description  Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ32-X009T Datasheet(HTML) 1 Page - Vishay Siliconix

  ILQ32-X009T Datasheet HTML 1Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 2Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 3Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 4Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 5Page - Vishay Siliconix ILQ32-X009T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 83650
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.8, 24-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Photodarlington Output,
High Gain (Quad Channel)
ILQ32
Vishay Semiconductors
DESCRIPTION
The ILQ32 is optically coupled isolators with a gallium
arsenide infrared LED and a silicon photodarlington sensor.
Switching can be achieved while maintaining a high degree
of isolation between driving and load circuits.
These optocouplers can be used to replace reed and
mercury relays with advantages of long life, high speed
switching and elimination of magnetic fields.
FEATURES
• Isolation test voltage, 5300 VRMS
• High isolation resistance, 1011
 typical
• Low coupling capacitance
• Standard plastic DIP package
• Compliant to RoHS Directive 2002/95/EC and
in accordance to WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5
(pending), available with option 1
• BSI IEC 60950; IEC 60065
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes, do not put T on the end.
E
C
C
E
E
C
C
E
A
C
C
A
A
C
C
A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
i179011-2
Quad Channel
SMD
ORDERING INFORMATION
IL
Q
3
2
-
X
0
0
#
T
PART NUMBER
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, cUL, BSI
 500
DIP-16
ILQ32
SMD-16, option 7
ILQ32-X007T (1)
SMD-16, option 9
ILQ32-X009T (1)
VDE, UL, cUL, BSI
 500
DIP-16
ILQ32-X001
> 0.1 mm
> 0.7 mm
7.62 mm
DIP
Option 7
Option 9


Similar Part No. - ILQ32-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ32-X009T VISHAY-ILQ32-X009T Datasheet
183Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
More results

Similar Description - ILQ32-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
Optocoupler, Photodarlington Output, High Gain
26-Oct-04
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
26-Oct-04
SFH619A VISHAY-SFH619A_08 Datasheet
113Kb / 7P
Optocoupler, Photodarlington Output, High Gain, 300 BVCEO
25-Jan-08
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
SFH619A VISHAY-SFH619A Datasheet
134Kb / 6P
Optocoupler, Photodarlington Output, High Gain, 300 V
13-Jan-12
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com